Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC025N08NM5LF Datasheet (PDF) - Infineon Technologies AG

ISC025N08NM5LF Datasheet PDF - Infineon Technologies AG
Part # ISC025N08NM5LF
Download  ISC025N08NM5LF Download
File Size   1352.69 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Linear FET, 80 V

ISC025N08NM5LF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC025N08NM5LF Datasheet PDF - Infineon Technologies AG

Part # ISC025N08NM5LF
Download  ISC025N08NM5LF Click to download

File Size   1352.69 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Linear FET, 80 V

ISC025N08NM5LF Datasheet (HTML) - Infineon Technologies AG


ISC025N08NM5LF Product details

Features
• Ideal for hot-swap, battery protection and e-fuse applications
• Very low on-resistance RDS(on)
• Wide safe operating area SOA
• N-channel, normal level
• 100% avalanche tested
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - ISC025N08NM5LF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC025N08NM5LF2 INFINEON-ISC025N08NM5LF2 Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET 2, 80 V
Rev. 2.1, 2023-11-08
More results


Similar Description - ISC025N08NM5LF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB017N10N5LF INFINEON-IPB017N10N5LF Datasheet
1Mb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB020N10N5LF INFINEON-IPB020N10N5LF Datasheet
1,017Kb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB033N10N5LF INFINEON-IPB033N10N5LF Datasheet
1,009Kb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB048N15N5LF INFINEON-IPB048N15N5LF Datasheet
905Kb / 11P
OptiMOSTM 5 Linear FET, 150 V
Rev.2.0,2017-03-29
IPB083N15N5LF INFINEON-IPB083N15N5LF Datasheet
914Kb / 11P
OptiMOSTM 5 Linear FET, 150 V
Rev.2.0,2017-04-04
IPB110N20N3LF INFINEON-IPB110N20N3LF Datasheet
997Kb / 11P
OptiMOSTM 3 Linear FET, 200 V
Rev.2.1,2017-02-16
IPT013N08NM5LF INFINEON-IPT013N08NM5LF Datasheet
771Kb / 11P
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2021-08-21
IPT008N06NM5LF INFINEON-IPT008N06NM5LF Datasheet
938Kb / 11P
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.1, 2022-09-19
ISC015N06NM5LF INFINEON-ISC015N06NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.0, 2023-06-06
ISC035N10NM5LF INFINEON-ISC035N10NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 100 V
Rev. 2.0, 2023-06-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com