Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4296GV50 Datasheet (PDF) - Infineon Technologies AG

TLE4296GV50 Datasheet PDF - Infineon Technologies AG
Part # TLE4296GV50
Download  TLE4296GV50 Download
File Size   491.44 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low drop voltage regulator

TLE4296GV50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4296GV50 Datasheet PDF - Infineon Technologies AG

Part # TLE4296GV50
Download  TLE4296GV50 Click to download

File Size   491.44 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low drop voltage regulator

TLE4296GV50 Datasheet (HTML) - Infineon Technologies AG


TLE4296GV50 Product details

Features
• Two output voltage versions: 3.3 V, 5.0 V
• Output voltage tolerance ≤ ±4%
• Very low drop voltage
• Output current: 30 mA
• Inhibit function
• Low quiescent current consumption
• Input voltage up to 45 V
• Wide temperature range: Tj = -40°C to +150°C
• Output protected against short circuit
• Overtemperature protection
• Reverse polarity proof
• Very small and thermally enhanced package
• Green Product (RoHS compliant)

Potential applications
General automotive applications

Description
The OPTIREG™ linear TLE4296G is a monolithic integrated low drop voltage regulator in very small SMD
package PG-SCT595-5. It is designed to supply various loads (e.g. microcontrollers, sensors, or as stand-by
supply, etc.) under severe conditions. Therefore the device is equipped with additional protection functions
against overload, short circuit and reverse polarity. In case of an overtemperature condition the regulator is
automatically turned off by the integrated thermal protection circuit.




Similar Part No. - TLE4296GV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296GV50 INFINEON-TLE4296GV50 Datasheet
219Kb / 11P
Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
TLE4296GV50 INFINEON-TLE4296GV50 Datasheet
226Kb / 12P
Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
More results


Similar Description - TLE4296GV50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com