Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4658 Datasheet (PDF) - Monolithic Power Systems

MP4658 Datasheet PDF - Monolithic Power Systems
Part # MP4658
Download  MP4658 Download
File Size   818.67 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback

MP4658 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4658 Datasheet PDF - Monolithic Power Systems

Part # MP4658
Download  MP4658 Click to download

File Size   818.67 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback

MP4658 Datasheet (HTML) - Monolithic Power Systems


MP4658 Product details

DESCRIPTION
The MP4658 is a 4-string, secondary-side LED
driver for LED backlighting, and is ideal for
monitor and small-sized TV LED backlighting. It
controls the flyback power stage to regulate the
LED current loop and the output supply voltage.
The MP4658 integrates 4-string LED current
balancing. Powered by a 6V to 36V input supply
voltage (VIN), the MP4658 outputs a
compensation signal to control the primary-side
flyback (or other power stage) via an
optocoupler to regulate the output voltage
(VOUT).
The MP4658 supports analog dimming and
PWM dimming to the LED current through the
ADIM and PDIM pins. For analog dimming,
apply a pulse signal with a frequency above
5kHz to the ADIM pin. For PWM dimming, apply
a low-frequency PWM signal to the PDIM pin.
The MP4658 also supports analog mode PWM
dimming to the LED current, which makes the
LED current rise and fall softly.
The MP4658 features numerous smart
protections to increase system reliability,
including open LED protection, short LED string
protection, LEDx short-to-ground protection, FB
over-voltage protection (OVP), feedback open
protection, and thermal protection. The MP4658
is available in an SOIC-16 package.

FEATURES
• 6V to 36V Supply Voltage (VIN)
• 80V/200mA, 4-String LED Current Balance
• Provides Feedback for the Previous Power
Stage
• <2% LED Current Accuracy
• 1.5% LED Current Balance
• Low LEDx Regulation Voltage, High
Efficiency
• Analog and PWM Dimming
• LED Open Protection, LED Short Protection
• LEDx Pin Short-to-GND Protection
• Over-Voltage Protection (OVP)
• Thermal Protection
• Available in an SOIC-16 Package

APPLICATIONS
• LCD Monitor and TVs
• Desktop LCD Flat Panel Displays
• Flat-Panel Video Displays




Similar Part No. - MP4658

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
MP4651ES MPS-MP4651ES Datasheet
277Kb / 12P
Off Line LED Driver
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652ES MPS-MP4652ES Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4653 MPS-MP4653 Datasheet
656Kb / 25P
Real LIPS CC/CV Mode LLC TV LED Driver
More results


Similar Description - MP4658

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com