Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI8921 Datasheet (PDF) - Skyworks Solutions Inc.

SI8921 Datasheet PDF - Skyworks Solutions Inc.
Part # SI8921
Download  SI8921 Download
File Size   2130.4 Kbytes
Page   32 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Si8921 and Si8922 Isolated Amplifiers for Current Shunt Measurement

SI8921 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8921 Datasheet PDF - Skyworks Solutions Inc.

Part # SI8921
Download  SI8921 Click to download

File Size   2130.4 Kbytes
Page   32 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Si8921 and Si8922 Isolated Amplifiers for Current Shunt Measurement

SI8921 Datasheet (HTML) - Skyworks Solutions Inc.


SI8921 Product details

Features
• Low-voltage differential input:
±62.5 mV and ±250 mV options
• Low signal delay: 0.8 μs
• Typical input offset: ±0.40 μV
• Typical gain error: ±0.06%
• Excellent drift specifications
- 0.5 μV/°C offset drift
- –9 ppm/°C typical gain drift
• Typical nonlinearity: 0.003% full-scale
• Typical SNR: 82 dB over 100 kHz bandwidth
• Typical THD: –88 dB
• High common-mode transient immunity: 75 kV/μs
• Automotive-grade OPNs available
- AEC-Q100 qualification
- AIAG-compliant PPAP documentation support
- IMDS and CAMDS listing support
• Compact packages
- 8-pin wide body stretched SOIC
- 8-pin narrow body SOIC
• –40 to 125 °C




Similar Part No. - SI8921

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8920 SILABS-SI8920 Datasheet
437Kb / 22P
ISOLATED AMPLIFIER FOR CURRENT SHUNT MEASUREMENT
logo
Skyworks Solutions Inc.
SI8920 SKYWORKS-SI8920 Datasheet
774Kb / 24P
Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8920AC-AP SKYWORKS-SI8920AC-AP Datasheet
774Kb / 24P
Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8920AC-IP SKYWORKS-SI8920AC-IP Datasheet
774Kb / 24P
Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
SI8920AC-IS SKYWORKS-SI8920AC-IS Datasheet
774Kb / 24P
Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
More results


Similar Description - SI8921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
logo
Silicon Laboratories
SI8920 SILABS-SI8920 Datasheet
437Kb / 22P
ISOLATED AMPLIFIER FOR CURRENT SHUNT MEASUREMENT
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
SI8920 SKYWORKS-SI8920 Datasheet
774Kb / 24P
Isolated Amplifier for Current Shunt Measurement
Revision A July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com