Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0C2BDF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0C2BDF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0C2BDF
Download  PESD5V0C2BDF Download
File Size   274.64 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping low capacitance ESD protection

PESD5V0C2BDF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0C2BDF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0C2BDF
Download  PESD5V0C2BDF Click to download

File Size   274.64 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping low capacitance ESD protection

PESD5V0C2BDF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0C2BDF Product details

1. General description
Symmetrical bidirectional ElectroStatic Discharge (ESD) protection diode array, part of the TrEOS
protection family. This device is housed in a DFN0603-3 (SOT8013) leadless ultra small Surface-
Mounted Device (SMD) package designed to protect two signal lines from the damage caused by
ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of two lines
• Very low diode capacitance Cd = 0.21 pF
• Extremely low clamping to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• Extremely symmetrical layout
• ESD protection up to ±20 kV according to IEC 61000-4-2; surge robustness 8.5 A 8/20 μs
• Ultra small SMD package
• Placed on one differential line pair, almost no extra PCB space demand for protection
3. Applications
• Thunderbolt, USB3.2 and HDMI2.1 data lines
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals




Similar Part No. - PESD5V0C2BDF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
More results


Similar Description - PESD5V0C2BDF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V5C1UL-Q NEXPERIA-PESD5V5C1UL-Q Datasheet
215Kb / 11P
Extremely low clamping unidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
Extremely low clamping unidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Z2BCDF NEXPERIA-PESD4V0Z2BCDF Datasheet
290Kb / 12P
Extremely low clamping low capacitance ESD protection
17 August 2020
PUSB3AB2DF NEXPERIA-PUSB3AB2DF Datasheet
221Kb / 11P
Extremely low clamping low capacitance ESD protection
22 November 2019
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
1Mb / 15P
Extremely low clamping low capacitance ESD protection
3 November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com