Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD6V0L2UU Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD6V0L2UU Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD6V0L2UU
Download  PESD6V0L2UU Download
File Size   733.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diodes

PESD6V0L2UU Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD6V0L2UU Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD6V0L2UU
Download  PESD6V0L2UU Click to download

File Size   733.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diodes

PESD6V0L2UU Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD6V0L2UU Product details

1.1 General description
Low capacitance unidirectional double ElectroStatic Discharge (ESD) protection diodes
in a very small Surface-Mounted Device (SMD) plastic package designed to protect up to
two signal lines from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
Table 1. Product overview
Type number Package Package configuration
Nexperia JEITA
PESD5V0L2UU SOT323 SC-70 very small
PESD6V0L2UU
n Unidirectional ESD protection of up to
two lines
n ESD protection up to 30 kV
n Low diode capacitance: Cd = 34 pF n IEC 61000-4-2; level 4 (ESD)
n Max. peak pulse power: PPP = 70 W n IEC 61000-4-5 (surge); IPP = 6.5 A
n Low clamping voltage: VCL = 13 V n AEC-Q101 qualified
n Ultra low leakage current
n Audio and video equipment n Communication systems
n Computers and peripherals n Portable electronics
n Cellular handsets and accessories n Subscriber Identity Module (SIM) card
protection




Similar Part No. - PESD6V0L2UU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD6V0L2UU NXP-PESD6V0L2UU Datasheet
95Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-11 March 2009
logo
TECH PUBLIC Electronics...
PESD6V0L2UU TECHPUBLIC-PESD6V0L2UU Datasheet
1Mb / 4P
Low Capactionce 2-Line Uni-directional ESD protection
More results


Similar Description - PESD6V0L2UU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
Low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5Z12 NEXPERIA-PESD5Z12 Datasheet
218Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z3.3 NEXPERIA-PESD5Z3.3 Datasheet
213Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z5.0 NEXPERIA-PESD5Z5.0 Datasheet
214Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z6.0 NEXPERIA-PESD5Z6.0 Datasheet
214Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com