Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19116 Datasheet (PDF) - Microchip Technology

MCP19116 Datasheet PDF - Microchip Technology
Part # MCP19116
Download  MCP19116 Download
File Size   2520.46 Kbytes
Page   246 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core

MCP19116 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP19116 Datasheet PDF - Microchip Technology

Part # MCP19116
Download  MCP19116 Click to download

File Size   2520.46 Kbytes
Page   246 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core

MCP19116 Datasheet (HTML) - Microchip Technology


MCP19116 Product details

Features
• Input Voltage: +4.5V to +42V
• Can be configured with multiple topologies including
but not limited to:
- Flyback
- Ćuk
- Boost
- SEPIC (Single-Ended Primary-Inductor
Converter)
• Capable of Quasi-Resonant or Fixed-Frequency
Operation
• Low Quiescent Current: 5 mA Typical
• Low Sleep Current: 50 μA Typical
• Low-Side Gate Drivers:
- +5V gate drive with 0.5A sink/source current
- +10V gate drive with 1A sink/source current
• Peak Current Mode Control
• Differential Remote Output Sense
• Multiple Output Systems:
- Master or Slave
• AEC-Q100 Qualified
• Configurable Parameters:
- VREF, Precision IOUT/VOUT Set Point (DAC)
- ADC Reference Switch (VDD or AVDD)
- Input Undervoltage Lockout (UVLO)
- Input Overvoltage Lockout (OVLO)
- Detection and protection
- Primary current leading edge blanking (0 ns,
50 ns, 100 ns and 200 ns)
- Gate drive dead time (16 ns to 256 ns)
- Fixed switching frequency range:
31.25 kHz to 2.0 MHz
- Slope compensation
- Quasi-Resonant configuration with built-in
comparator and programmable offset voltage
adjustment
- Primary current offset adjustment
- GPIO pin options
• Integrated Low-Side Differential Current-Sense
Amplifier
• Better than 5% Current Regulation
• Thermal Shutdown

Microcontroller Features
• Precision 8 MHz Internal Oscillator Block:
- Factory-calibrated to ±1%, typical
• Interrupt-Capable:
- Firmware
- Interrupt-on-change pins
• Only 35 Instructions to Learn
• 8192 Words On-Chip Program Memory
• High-Endurance Flash:
- 100,000 write Flash endurance
- Flash retention: > 40 years
• Watchdog Timer (WDT) with Independent
Oscillator for Reliable Operation
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• Eight I/O Pins and One Input-Only Pin:
- Two open-drain pins
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- Five external channels
• Timer0: 8-bit Timer/Counter with 8-bit Prescaler
• Enhanced Timer1:
- 16-bit timer with prescaler
- Two selectable clock sources
• Timer2: 8-Bit Timer with Prescaler:
- 8-bit period register
• I2C Communication:
- 7-bit address masking
- Two dedicated address registers
• Addressable Universal Synchronous Receiver
Transmitter (AUSART) Modes
- Asynchronous (Full Duplex)
- Synchronous - Master (Half Duplex)
- Synchronous - Slave (Half Duplex)




Similar Part No. - MCP19116

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19116-E/MJ MICROCHIP-MCP19116-E/MJ Datasheet
3Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19116T-E/MJ MICROCHIP-MCP19116T-E/MJ Datasheet
3Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
More results


Similar Description - MCP19116

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH
logo
Microchip Technology
MCP19111 MICROCHIP-MCP19111 Datasheet
3Mb / 222P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
2013
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
logo
Texas Instruments
UC1856J TI-UC1856J Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
Improved Current-Mode PWM Controller
logo
Microchip Technology
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19110 MICROCHIP-MCP19110_16 Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19124 MICROCHIP-MCP19124 Datasheet
1Mb / 236P
Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
06/23/16
HV96001 MICROCHIP-HV96001 Datasheet
2Mb / 45P
Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com