Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73830 Datasheet (PDF) - Microchip Technology

MCP73830 Datasheet PDF - Microchip Technology
Part # MCP73830
Download  MCP73830 Download
File Size   1549.5 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN

MCP73830 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP73830 Datasheet PDF - Microchip Technology

Part # MCP73830
Download  MCP73830 Click to download

File Size   1549.5 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN

MCP73830 Datasheet (HTML) - Microchip Technology


MCP73830 Product details

Description:
The MCP73830/L are highly integrated, Li-Ion battery
charge management controllers for use in space-limited
applications. The MCP73830/L devices provide specific
charge algorithms for single-cell Li-Ion/Li-Polymer batteries
to achieve optimal capacity and safety in the shortest
charging time possible. Along with its small physical size,
the low number of external components makes the
MCP73830/L ideally suitable for portable applications.
The MCP73830L employs a constant-current/constant
voltage charge algorithm. The minimum 20 mA regulated
constant, fast charge current enables the design
in small Li-Ion batteries and low supply current applications.
The fast charge, constant-current value is set
with one external resistor, from 20 mA to 200 mA. The
MCP73830 allows up to 1000 mA charge current for
applications that require faster constant current.
The MCP73830/L devices provide a thermal foldback
function that limits the charge current, based on die
temperature during high-power or high-ambient conditions.
This thermal regulation optimizes the charge
cycle time while maintaining device reliability.
The MCP73830/L devices are fully specified over the
ambient temperature range of -40°C to +85°C. The
MCP73830/L is available in a 6 lead, TDFN package.

Features:
• Complete Linear Charge Management Controller:
- Integrated pass transistor
- Integrated current sense
- Integrated Reverse Discharge Protection
• Constant-Current/Constant Voltage Operation
• High-Accuracy Preset Voltage Regulation:
- 4.20V +0.75%
• Programmable Charge Current:
- MCP73830L: 20 mA-200 mA
- MCP73830: 100 mA-1000 mA
• Soft Start to Avoid Inrush Current
• Preconditioning:
- 10% and no preconditioning
• Fixed Elapsed Timer: 4 Hours
• Fixed Preconditioning Timer: 1 Hour
• Automatic Recharge: No Auto-Recharge is also
Available with Selected Options
• Automatic End-of-Charge (EOC) Control
Termination:
- 7.5% and 10%
• Automatic Power-Down when Input Power
Removed
• Undervoltage Lockout (UVLO)
• Chip/Charge Enable Pin (CE)
• Packaging:
- TDFN-6 (2x2 mm)
• Temperature Range: -40°C to +85°C

Applications:
• Bluetooth Headsets
• Portable Media Players
• Rechargeable 3D Glasses
• Toy and Gaming Controllers




Similar Part No. - MCP73830

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73830LT-0AAI/MYY MICROCHIP-MCP73830LT-0AAI/MYY Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73830LT-0BCI/MYY MICROCHIP-MCP73830LT-0BCI/MYY Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73830T-2AAI/MYY MICROCHIP-MCP73830T-2AAI/MYY Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
More results


Similar Description - MCP73830

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com