Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet (PDF) - Microchip Technology

MCP98244 Datasheet PDF - Microchip Technology
Part # MCP98244
Download  MCP98244 Download
File Size   1147.74 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description DDR4 DIMM Temperature Sensor with EEPROM for SPD

MCP98244 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP98244 Datasheet PDF - Microchip Technology

Part # MCP98244
Download  MCP98244 Click to download

File Size   1147.74 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description DDR4 DIMM Temperature Sensor with EEPROM for SPD

MCP98244 Datasheet (HTML) - Microchip Technology


MCP98244 Product details

Description
Microchip Technology Inc.’s MCP98244 digital
temperature sensor converts temperature from -40°C
and +125°C to a digital word. This sensor meets
JEDEC Specification JC42.4-TSE3000B1 Memory
Module Thermal Sensor Component. It provides an
accuracy of ±0.2°C/±1°C (typical/maximum) from
+75°C to +95°C with an operating voltage of 1.7V to
3.6V. In addition, MCP98244 has an integrated
EEPROM with two banks of 256 by 8 bit EEPROM (4k
Bit) which can be used to store memory module details
and vendor information.
The MCP98244 digital temperature sensor comes with
user-programmable registers that provide flexibility for
DIMM temperature-sensing applications. The registers
allow user-selectable settings such as Shutdown or
Low-Power modes and the specification of
temperature Event boundaries. When the temperature
changes beyond the specified Event boundary limits,
the MCP98244 outputs an Alert signal at the Event pin.
The user has the option of setting the temperature
Event output signal polarity as either an active-low or
active-high comparator output for thermostat operation,
or as a temperature Event interrupt output for
microprocessor-based systems.
The MCP98244 EEPROM is designed specifically for
DRAM DIMMs (Dual In-line Memory Modules) Serial
Presence Detect (SPD). It has four 128 Byte pages,
which can be Software Write Protected individually.
This allows DRAM vendor and product information to
be stored and write-protected.
This sensor has an industry standard I2C Fast Mode
Plus compatible 1 MHz serial interface.

Features
• Meets JEDEC Specification
- MCP98244 --> JC42.4-TSE2004B1
Temperature Sensor with 4 Kbit Serial
EEPROM for Serial Presence Detect (SPD)
• 1MHz, 2-wire I2C™ Interface
• Specified VDD Range: 1.7V to 3.6V
• Operating Current: 100 μA (typ., EEPROM Idle)
• Available Package: TDFN-8

Typical Applications
• DIMM Modules for Servers, PCs, and Laptops
• Temperature Sensing for Solid State Drive (SSD)
• General Purpose Temperature Datalog




Similar Part No. - MCP98244

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
MCP98244 MICROCHIP-MCP98244 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP98244 MICROCHIP-MCP98244 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
More results


Similar Description - MCP98244

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
Memory Module Temperature Sensor w/ EEPROM for SPD
2006
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
logo
ON Semiconductor
N34C04 ONSEMI-N34C04 Datasheet
101Kb / 11P
4-Kb Serial SPD EEPROM for DDR4 DIMM
November, 2016 ??Rev. 0
logo
Integrated Device Techn...
TSE2004GB2C0 IDT-TSE2004GB2C0 Datasheet
981Kb / 38P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
logo
Renesas Technology Corp
TSE2004GB2C0 RENESAS-TSE2004GB2C0 Datasheet
1Mb / 35P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com