Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4600 Datasheet (PDF) - Microchip Technology

MIC4600 Datasheet PDF - Microchip Technology
Part # MIC4600
Download  MIC4600 Download
File Size   1750.52 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28V Half-Bridge MOSFET Driver

MIC4600 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4600 Datasheet PDF - Microchip Technology

Part # MIC4600
Download  MIC4600 Click to download

File Size   1750.52 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28V Half-Bridge MOSFET Driver

MIC4600 Datasheet (HTML) - Microchip Technology


MIC4600 Product details

General Description
The MIC4600 is a 28V half-bridge MOSFET driver targeted for cost-sensitive applications that require high performance such as set-top boxes, gateways, routers, computing peripherals, telecom, and networking equipment.
The MIC4600 operates over a supply range of 4.5V to 28V. It has an internal linear regulator that provides a regulated 5V to power the MOSFET gate drive and operates up to 1.5 MHz switching frequency.
The MIC4600 uses an adjustable dead time circuit to prevent shoot-through in the external high and low-side MOSFETs.
The MIC4600 is available in a small 3 mm x 3 mm VQFN package with a junction temperature range of –40°C to +125°C.

Features
•Adjustable Dead Time Circuitry
•Anti-Shoot-Through Protection
•Internal LDO for Single Supply Operation
•Input Voltage Range: 4.5V to 28V
•Fast Propagation Delay: 20 ns
•Up to 1.5 MHz Operation
•Low Voltage Logic Level Inputs for μC or FPGA Driven Power Solutions
•Independent Inputs for Low and High-Side Drivers
•2Ω Gate Drive Capable of Driving 3000 pF Load with 15 ns Rise and Fall Times
•Low 450 μA Typical Quiescent Current
•3 mm x 3 mm VQFN Package
•–40°C to +125°C Junction Temperature Range

Applications
•Distributed Power Systems
•Communications/Networking Infrastructure
•Set-Top Boxes, Gateways, and Routers
•Printers and Scanners
•μP and FPGA Controlled DC-DC Regulators




Similar Part No. - MIC4600

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-TR MICROCHIP-MIC4600YML-TR Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
More results


Similar Description - MIC4600

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
Automotive Half-Bridge MOSFET Driver
logo
Monolithic Power System...
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
Allegro MicroSystems
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
Automotive Half-Bridge MOSFET Driver
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com