Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1121820C Datasheet (PDF) - Lapp.

1121820C Datasheet PDF - Lapp.
Part # 1121820C
Download  1121820C Download
File Size   88.62 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description EPIC® MC 2.5 MACHINED CONTACTS

1121820C Datasheet (PDF)

Go To PDF Page Download Datasheet
1121820C Datasheet PDF - Lapp.

Part # 1121820C
Download  1121820C Click to download

File Size   88.62 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description EPIC® MC 2.5 MACHINED CONTACTS

1121820C Datasheet (HTML) - Lapp.


1121820C Product details

Description
 For inserts and modules of the EPIC® rectangular connectors




Similar Part No. - 1121820C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11218 ETC2-11218 Datasheet
377Kb / 1P
KEYSTONE PTFE Insulated Terminals & Pins
logo
Atom Lighting
11218 ATOM-11218 Datasheet
857Kb / 3P
AT9012 TRI
18th of January 2025 20:13:50
More results


Similar Description - 1121820C

ManufacturerPart #DatasheetDescription
logo
Lapp.
11147000 LAPP-11147000 Datasheet
269Kb / 2P
EPIC® TOOLS FOR CONTACTS
17.09.2018
11190000 LAPP-11190000 Datasheet
96Kb / 1P
EPIC® H-BE 2.5 CONTACTS MACHINED
16.11.2018
11201000 LAPP-11201000 Datasheet
86Kb / 1P
EPIC® MC 2.5 STAMPED CONTACTS
17.09.2018
11272000 LAPP-11272000 Datasheet
173Kb / 2P
EPIC® H-D 64 SCM / H-D 64 BCM machined
17.09.2018
13162000 LAPP-13162000 Datasheet
99Kb / 1P
EPIC® H-D 1.6 Machined Contacts
17.09.2018
44420260 LAPP-44420260 Datasheet
203Kb / 2P
EPIC® POWERLOCK CRIMP CONTACTS
12.05.2021
44424004 LAPP-44424004 Datasheet
149Kb / 2P
EPIC® MC MODUL PNEUMATIC 1pole
17.09.2018
44424008 LAPP-44424008 Datasheet
153Kb / 2P
EPIC® MC MODUL PNEUMATIC 2pole
17.09.2018
44424014 LAPP-44424014 Datasheet
145Kb / 2P
EPIC® MODULAR 3.6 MACHINED CONTACTS 16mm2
17.09.2018
44429318 LAPP-44429318 Datasheet
85Kb / 1P
EPIC® LS1.5 FEMALE CONTACTS BCEM
17.09.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com