Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD15VL1BA Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD15VL1BA Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD15VL1BA
Download  PESD15VL1BA Download
File Size   230.44 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance bidirectional ESD protection diode

PESD15VL1BA Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD15VL1BA Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD15VL1BA
Download  PESD15VL1BA Click to download

File Size   230.44 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance bidirectional ESD protection diode

PESD15VL1BA Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD15VL1BA Product details

1. General description
Bidirectional ElectroStatic Discharge (ESD) protection diode in a very small SOD323 (SC-76) SMD
plastic package designed to protect one signal line from the damage caused by ESD and other
transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Max. peak pulse power: PPPM = 200 W
• Low clamping voltage: VCL = 44 V
• Ultra low leakage current: IRM = 1 nA
• ESD protection up to 30 kV
• IEC 61000-4-2, level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 5 A
• Very small SMD plastic package
3. Applications
• Computers and peripherals
• Communication systems
• Audio and video equipment
• Data lines




Similar Part No. - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA PHILIPS-PESD15VL1BA Datasheet
179Kb / 15P
Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Guangdong Youtai Semico...
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
Solid-state silicon-avalanche technology
logo
Nexperia B.V. All right...
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
Low capacitance bidirectional ESD protection diode
19 May 2022
More results


Similar Description - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S1BLD PHILIPS-PESD5V0S1BLD Datasheet
324Kb / 13P
Low capacitance bidirectional ESD protection diode
Rev. 1-12 October 2010
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
Low capacitance bidirectional ESD protection diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD5V0S1BL-Q NEXPERIA-PESD5V0S1BL-Q Datasheet
211Kb / 11P
Low capacitance bidirectional ESD protection diode
23 November 2022
PESD5V0L1BA-Q NEXPERIA-PESD5V0L1BA-Q Datasheet
237Kb / 11P
Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0U1BA-Q NEXPERIA-PESD5V0U1BA-Q Datasheet
212Kb / 11P
Low capacitance bidirectional ESD protection diode
3 May 2022
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0U1BL NEXPERIA-PESD5V0U1BL Datasheet
198Kb / 10P
Low capacitance bidirectional ESD protection diode
11 October 2018
PESD5V0L1BA NEXPERIA-PESD5V0L1BA Datasheet
238Kb / 11P
Low capacitance bidirectional ESD protection diode
11 April 2023
PESD5V0U1BA NEXPERIA-PESD5V0U1BA Datasheet
209Kb / 11P
Low capacitance bidirectional ESD protection diode
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com