Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD15VS1UB Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD15VS1UB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD15VS1UB
Download  PESD15VS1UB Download
File Size   226.06 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection diode in SOD523 package

PESD15VS1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD15VS1UB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD15VS1UB
Download  PESD15VS1UB Click to download

File Size   226.06 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection diode in SOD523 package

PESD15VS1UB Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD15VS1UB Product details

1. General description
Unidirectional ElectroStatic Discharge (ESD) protection diode in a SOD523 plastic package
designed to protect one transmission or data line from the damage caused by ESD and other
transients.
2. Features and benefits
• Unidirectional ESD protection of one line
• Low clamping voltage: VCL = 40 V at IPPM = 5 A
• ESD protection > 30 kV
• IEC 61000-4-5 (surge); IPPM = 5 A at tp = 8/20 μs
3. Application information
• Computers and peripherals
• Communication systems
• Audio and video equipment
• Data lines




Similar Part No. - PESD15VS1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VS1UB PHILIPS-PESD15VS1UB Datasheet
111Kb / 15P
ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
PESD15VS1UB NXP-PESD15VS1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Guangdong Youtai Semico...
PESD15VS1UB UMW-PESD15VS1UB Datasheet
382Kb / 7P
Unidirectional ESD protection of one line
logo
Nexperia B.V. All right...
PESD15VS1UB-Q NEXPERIA-PESD15VS1UB-Q Datasheet
225Kb / 12P
ESD protection diode in SOD523 package
18 August 2022
More results


Similar Description - PESD15VS1UB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
125Kb / 6P
ESD Protection Diode in SOD523
04-Apr-05
VESD05A1-02V VISHAY-VESD05A1-02V_08 Datasheet
120Kb / 7P
ESD-Protection Diode in SOD523
27-Oct-08
VESD01-02V VISHAY-VESD01-02V Datasheet
383Kb / 5P
Single ESD Protection Diode in SOD523
11-Dec-06
logo
NXP Semiconductors
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
PESDXS1UB PHILIPS-PESDXS1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Nexperia B.V. All right...
PESD3V3S1UB-Q NEXPERIA-PESD3V3S1UB-Q Datasheet
225Kb / 12P
ESD protection diode in SOD523 package
31 May 2022
PESD15VS1UB-Q NEXPERIA-PESD15VS1UB-Q Datasheet
225Kb / 12P
ESD protection diode in SOD523 package
18 August 2022
PESD12VS1UB NEXPERIA-PESD12VS1UB Datasheet
219Kb / 11P
ESD protection diode in SOD523 package
29 November 2018
PESD24VS1UB NEXPERIA-PESD24VS1UB Datasheet
220Kb / 11P
ESD protection diode in SOD523 package
29 November 2018
PESD3V3S1UB NEXPERIA-PESD3V3S1UB Datasheet
226Kb / 12P
ESD protection diode in SOD523 package
11 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com