Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V5V1BCSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V5V1BCSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V5V1BCSF
Download  PESD5V5V1BCSF Download
File Size   214.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low clamping bidirectional ESD protection diode

PESD5V5V1BCSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V5V1BCSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V5V1BCSF
Download  PESD5V5V1BCSF Click to download

File Size   214.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low clamping bidirectional ESD protection diode

PESD5V5V1BCSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V5V1BCSF Product details

1. General description
Ultra low clamping bidirectional ElectroStatic Discharge (ESD) protection diode designed to protect
one signal line from the damage caused by ESD and other transients. The device is housed in a
leadless ultra small DSN0603-2 (SOD962) Surface-Mounted Device (SMD) package.
2. Features and benefits
• Bidirectional ESD protection of one line
• Ultra small leadless package with a height of 0.3 mm
• IEC 61000-4-5 (surge): IPP = 8 A average measured
• Very low clamping voltage: VCL= 8.5 V typ at 16 A for a TLP pulse
• Ultra low leakage current: IRM = 1 nA
• ESD protection up to 20 kV
3. Applications
ESD surge protection for:
• Very sensitive interface lines
• Generic interface lines
in portable electronics communication, consumer and computing devices




Similar Part No. - PESD5V5V1BCSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5V1BCSFYL NEXPERIA-PESD5V5V1BCSFYL Datasheet
247Kb / 12P
Ultra low clamping bidirectional ESD protection diode
2 March 2021
More results


Similar Description - PESD5V5V1BCSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3V1BCZF NEXPERIA-PESD3V3V1BCZF Datasheet
227Kb / 12P
Ultra low clamping bidirectional ESD protection diode
PESD3V3V1BCSF NEXPERIA-PESD3V3V1BCSF Datasheet
218Kb / 11P
Ultra low clamping bidirectional ESD protection diode
PESD3V3U1BCSF NEXPERIA-PESD3V3U1BCSF Datasheet
697Kb / 11P
Ultra low clamping bidirectional ESD protection diode
PESD1V0Y1BBSF NEXPERIA-PESD1V0Y1BBSF Datasheet
159Kb / 8P
Extremely low clamping bidirectional ESD protection diode
1 April 2022
PESD3V3HS2-SF NEXPERIA-PESD3V3HS2-SF Datasheet
197Kb / 10P
Very low clamping bidirectional ESD protection diode
11 August 2022
PESD3V3MS-SF NEXPERIA-PESD3V3MS-SF Datasheet
206Kb / 11P
Ultra low clamping bidirectional ESD protection diode
3 March 2021
PESD3V3S1BSF NEXPERIA-PESD3V3S1BSF Datasheet
205Kb / 12P
Ultra low clamping bidirectional ESD protection diode
5 November 2020
PESD5V5S1BSF NEXPERIA-PESD5V5S1BSF Datasheet
204Kb / 11P
Ultra low clamping bidirectional ESD protection diode
4 March 2022
PESD5V5S1BSF NEXPERIA-PESD5V5S1BSF_V01 Datasheet
156Kb / 7P
Ultra low clamping bidirectional ESD protection diode
4 March 2022
PESD5V5U1BCSF NEXPERIA-PESD5V5U1BCSF Datasheet
247Kb / 12P
Ultra low clamping bidirectional ESD protection diode
2 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com