Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16510A Datasheet (PDF) - Renesas Technology Corp

UPD16510A Datasheet PDF - Renesas Technology Corp
Part # UPD16510A
Download  UPD16510A Download
File Size   318.02 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERTICAL DRIVER FOR CCD SENSOR

UPD16510A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16510A Datasheet PDF - Renesas Technology Corp

Part # UPD16510A
Download  UPD16510A Click to download

File Size   318.02 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERTICAL DRIVER FOR CCD SENSOR

UPD16510A Datasheet (HTML) - Renesas Technology Corp


UPD16510A Product details

Features
• CCD vertical register driver : 4 channels, VOD shutter driver: 1 channel
• Small package : 20-pin plastic SSOP (5.72 mm (225))
• High breakdown voltage : 33 V MAX.
• Low output ON resistance : 30 Ω TYP.
• Low voltage operation (logic power-supply voltage: 2.0 to 5.5 V)
• Latch-up free




Similar Part No. - UPD16510A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16510 NEC-UPD16510 Datasheet
71Kb / 16P
VERTICAL DRIVER FOR CCD SENSOR
logo
Renesas Technology Corp
UPD16510 RENESAS-UPD16510 Datasheet
211Kb / 18P
MOS INTEGRATED CIRCUIT
1994
logo
NEC
UPD16510GR-8JG NEC-UPD16510GR-8JG Datasheet
71Kb / 16P
VERTICAL DRIVER FOR CCD SENSOR
logo
Renesas Technology Corp
UPD16510GR-8JG RENESAS-UPD16510GR-8JG Datasheet
211Kb / 18P
MOS INTEGRATED CIRCUIT
1994
More results


Similar Description - UPD16510A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16510 NEC-UPD16510 Datasheet
71Kb / 16P
VERTICAL DRIVER FOR CCD SENSOR
logo
Panasonic Semiconductor
MN3112SA PANASONIC-MN3112SA Datasheet
45Kb / 9P
Vertical Driver for Video-Camera CCD Area-Image-Sensor
logo
Samsung semiconductor
KS7221D SAMSUNG-KS7221D Datasheet
110Kb / 7P
VERTICAL DRIVER FOR CCD
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
Vertical Clock Driver for CCD Image sensor
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
CCD Image Sensor Vertical Driver IC
logo
Sony Corporation
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
Vertical Clock Driver for CCD Image sensor
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
logo
Analog Devices
ADDI9023 AD-ADDI9023 Datasheet
189Kb / 12P
Vertical Driver for CCD Cameras
REV. 0
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
Vertical Clock Driver for CCD
August, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com