Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6221B Datasheet (PDF) - Torex Semiconductor

XC6221B Datasheet PDF - Torex Semiconductor
Part # XC6221B
Download  XC6221B Download
File Size   407.63 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch

XC6221B Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6221B Datasheet PDF - Torex Semiconductor

Part # XC6221B
Download  XC6221B Click to download

File Size   407.63 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch

XC6221B Datasheet (HTML) - Torex Semiconductor


XC6221B Product details

■ GENERAL DESCRIPTION
The XC6221 series is a high accuracy, low noise, high speed, low dropout CMOS regulator with high ripple rejection. The series includes a reference voltage source, an error amplifier, a current limiter, and a phase compensation circuit. The CE function enables the entire circuit to be in stand-by state by inputting low level signal. As for the XC6221B/D stand-by mode, the electric charge at the output capacitor (CL) will be discharged by the internal auto-discharge switch, and as a result the VOUT pin quickly returns to the VSS level. The output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors.

■ FEATURES
 Maximum Output Current           : 200mA
 Dropout Voltage                       : 80mV@ IOUT=100mA,VOUT=3.0V
 Operating Voltage Range            : 1.6V ~ 6.0V
 Output Voltage Range             : 0.80V~5.00V (0.05V increments)
 Accuracy                         : +2% (VOUT >1.50V) (Standard)
                                       +30mV (VOUT≦ 1.45V) (Standard)
                                       +1% (VOUT >2.00V) (High Accuracy)
                                       +20mV (VOUT≦ 1.95V) (High Accuracy)
 
 Low Power Consumption            : 25μ A (TYP.)
 Stand-by Current                      : Less than 0.1μ A
 High Ripple Rejection                : 70dB @ 1kHz
 CE Function                             : CE Active High
                                               Standby current below 0.1μ A
                                               CL High-Speed Auto-Discharge
                                               (XC6221B/D)
                                               CE Pin internally pulled-down
                                               (XC6221C/D)
 Low ESR Capacitor                      : 1.0μ F ceramic capacitor
 Low Output Noise
 Operating Ambient Temperature    : -40℃ ~+85℃
 Packages : USP-4, SOT-25, SSOT-24 USPN-4
 Environmentally Friendly : EU RoHS Compliant, Pb Free

■ APPLICATIONS
● Cellular phones
● Cordless phones
● Wireless communication equipment
● Portable games
● Cameras, VCRs
● Portable AV equipment
● PDAs




Similar Part No. - XC6221B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221B TOREX-XC6221B Datasheet
383Kb / 23P
Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221B0817R-G TOREX-XC6221B0817R-G Datasheet
466Kb / 23P
Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221B081GR TOREX-XC6221B081GR Datasheet
466Kb / 23P
Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221B081GR-G TOREX-XC6221B081GR-G Datasheet
466Kb / 23P
Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221B081MR TOREX-XC6221B081MR Datasheet
466Kb / 23P
Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Similar Description - XC6221B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
(Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com