Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61529FP Datasheet (PDF) - Renesas Technology Corp

M61529FP Datasheet PDF - Renesas Technology Corp
Part # M61529FP
Download  M61529FP Download
File Size   426.61 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Audio Signal Processor with Surround

M61529FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61529FP Datasheet PDF - Renesas Technology Corp

Part # M61529FP
Download  M61529FP Click to download

File Size   426.61 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Audio Signal Processor with Surround

M61529FP Datasheet (HTML) - Renesas Technology Corp


M61529FP Product details

Description

M61529FP is the semiconductor integrated circuit for Home Audio. M61529FP includes 2ch electronic volume,

Tone control, 4 Input Selector, Bass Boost, REC output and Mic Mixing. This IC is suitable for Mini Component.

A difference in M61529FP and M61519FP has just changed Tone Input ATT from 0/–13dB to 0/–8.2dB.



Features

•  2ch Master Volume (L,R Independent Control)

   Main Volume : 0dB to –76dB (2dB or 4dB step), –∞

   Trim Volume  : 0dB to –15dB (1dB step)

  *Total level is fixed at –87dB, on condition that the total level of Trim and Master volume is under “–87dB”.

•  Tone Control (Bass/Mid/Treble) ±8dB (2dB step)

•  4 Input Selector with Mute

•  Surround Function

•  Vocal Cut Function

•  Bass Boost Function

•  L+R Output for Spectrum Analysis Display

•  L+R Output for Subwoofer

•  MIC Mixing Function

•  2 REC output with mute

•  Input ATT  : –5/0/+3.5dB

•  Tone Input ATT  : 0/–8.2dB

•  External Input ATT  : +3/0/–3/–6dB



Application

Mini/Micro Component, Radio-Cassette Recorder with CD Player, etc.




Similar Part No. - M61529FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61529FP HITACHI-M61529FP Datasheet
442Kb / 24P
Audio Signal Processor with Surround
More results


Similar Description - M61529FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
SRS 3D SURROUND AUDIO PROCESSOR?
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
List of Unclassifed Man...
YSS215 ETC-YSS215 Datasheet
714Kb / 7P
AUDIO & VISUAL SURROUND PROCESSOR
logo
Hitachi Semiconductor
REJ03F0010_M61529FP HITACHI-REJ03F0010_M61529FP Datasheet
442Kb / 24P
Audio Signal Processor with Surround
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
logo
Renesas Technology Corp
M61519FP RENESAS-M61519FP Datasheet
312Kb / 22P
Audio Signal Processor with Surround
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com