Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS-2A Datasheet (PDF) - Sharma Electro Components,Inc

WS-2A Datasheet PDF - Sharma Electro Components,Inc
Part # WS-2A
Download  WS-2A Download
File Size   787.2 Kbytes
Page   1 Pages
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc
Description WS Series Hot-Molded Carbon Composition Potentiometer

WS-2A Datasheet (PDF)

Go To PDF Page Download Datasheet
WS-2A Datasheet PDF - Sharma Electro Components,Inc

Part # WS-2A
Download  WS-2A Click to download

File Size   787.2 Kbytes
Page   1 Pages
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc
Description WS Series Hot-Molded Carbon Composition Potentiometer

WS-2A Datasheet (HTML) - Sharma Electro Components,Inc


WS-2A Product details

Features
■ Carbon composition/Industrial/Sealed
■ Locking-Bushing/Standard-Bushing
■ Meet MIL-R-94




Similar Part No. - WS-2A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
WS-2.5 MULTICOMP-WS-2.5 Datasheet
129Kb / 1P
Terminal Block 2.5㎟
05/06/20 V1.0
logo
List of Unclassifed Man...
WS-201 ETC2-WS-201 Datasheet
576Kb / 2P
Maintain with a minimum of spare parts and tools
logo
TE Connectivity Ltd
WS-25-001 TEC-WS-25-001 Datasheet
135Kb / 1P
WIRE SEAL, 25mm SEAL RANGE - 8.17mm-9.66mm 8mm CONTACT
logo
KITAGAWA GmbH
WS-2NS KGS-WS-2NS Datasheet
480Kb / 1P
Snap-mount clamp for easy insertion and bundle of cables
WS-2NS-L KGS-WS-2NS-L Datasheet
480Kb / 1P
Snap-mount clamp for easy insertion and bundle of cables
More results


Similar Description - WS-2A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
Hot-Molded Carbon Composition Fixed Resistors
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
logo
TT Electronics.
CC1 TTELEC-CC1 Datasheet
271Kb / 3P
Hot moulded carbon composition
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com