Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B36 Datasheet (PDF) - Analog Devices

5B36 Datasheet PDF - Analog Devices
Part # 5B36
Download  5B36 Download
File Size   690.91 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Potentiometer Input

5B36 Datasheet (PDF)

Go To PDF Page Download Datasheet
5B36 Datasheet PDF - Analog Devices

Part # 5B36
Download  5B36 Click to download

File Size   690.91 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Potentiometer Input

5B36 Datasheet (HTML) - Analog Devices


5B36 Product details

PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost, high performance plug-in signal conditioners. Designed for industrial applications, these modules incorporate highly reliable transformer-based isolation and automated surfacemount manufacturing technology. They are compact, economical components whose performance exceeds that available from more expensive devices. Combining 1500 V rms continuous isolation, +0.05% calibrated accuracy, small size and low cost, the 5B Series is an attractive alternative to expensive signal conditioners and in-house designs

FEATURES
    Amplifies, Protects, Filters, and Isolates a wide variety of
        three-wire potentiometers and two-wire rheostats(slidewires).
    Generates a low-impedance output of 0 to +5V.
    Module circuitry can withstand 240v rms at the input screw terminals.
    All 5B36 series modules are mix-and-match and Hot Swappable.

APPLICATIONS
    Industrial signal conditioning
    Industrial signal isolation
    Industrial signal filtering




Similar Part No. - 5B36

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B36 AD-5B36_15 Datasheet
691Kb / 8P
Isolated, Potentiometer Input
REV. 0
More results


Similar Description - 5B36

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
Isolated, Thermocouple Input
3B45 AD-3B45 Datasheet
359Kb / 8P
Isolated Frequency Input
7B31 AD-7B31 Datasheet
533Kb / 8P
Isolated Voltage Input
3B45 AD-3B45_15 Datasheet
364Kb / 8P
Isolated Frequency Input
REV. 0
5B36 AD-5B36_15 Datasheet
691Kb / 8P
Isolated, Potentiometer Input
REV. 0
logo
Central Technologies
CTDD2210SF-D1R5K-2 CT-CTDD2210SF-D1R5K-2 Datasheet
269Kb / 2P
Wide Input Isolated
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
Wide Input Isolated
CTDD3220DF-D1R5K-6M CT-CTDD3220DF-D1R5K-6M Datasheet
282Kb / 2P
Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
Wide Input Isolated
logo
M-System Co.,Ltd.
MP1800-1823 MSYSTEM-MP1800-1823 Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com