Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1635H Datasheet (PDF) - STMicroelectronics

T1635H Datasheet PDF - STMicroelectronics
Part # T1635H
Download  T1635H Download
File Size   123.9 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless TM high temperature 16 A Triacs

T1635H Datasheet (PDF)

Go To PDF Page Download Datasheet
T1635H Datasheet PDF - STMicroelectronics

Part # T1635H
Download  T1635H Click to download

File Size   123.9 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless TM high temperature 16 A Triacs

T1635H Datasheet (HTML) - STMicroelectronics


T1635H Product details

Description

Available in through-hole or surface mount packages, the T1635H and T1650H triac series are suitable for general purpose mains power AC switching.



Features

■ Medium current Triac

■ 150° C max. Tjturn-off commutation

■ Low thermal resistancewith clip bonding

■ Very high 3 quadrant commutation capability

■ Packages are RoHS (2002/95/EC) compliant



Applications

Especially designed to operate in high power density or universal motor applications such as vacuum cleaner and washing machine drum motor, these 16 A triacs provide a very high switching capability up to junction temperatures of 150° C.

The heatsink can be reduced, compared to traditional triacs, according to the high performance at given junction temperatures.




Similar Part No. - T1635H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H STMICROELECTRONICS-T1635H Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
T1635H-6G STMICROELECTRONICS-T1635H-6G Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
T1635H-6G-TR STMICROELECTRONICS-T1635H-6G-TR Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
T1635H-6I STMICROELECTRONICS-T1635H-6I Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
logo
Inchange Semiconductor ...
T1635H-6I ISC-T1635H-6I Datasheet
379Kb / 2P
isc Thyristor
More results


Similar Description - T1635H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com