Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC5523 Datasheet (PDF) - Qorvo, Inc

PAC5523 Datasheet PDF - Qorvo, Inc
Part # PAC5523
Download  PAC5523 Download
File Size   1477.48 Kbytes
Page   88 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Application Controller

PAC5523 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAC5523 Datasheet PDF - Qorvo, Inc

Part # PAC5523
Download  PAC5523 Click to download

File Size   1477.48 Kbytes
Page   88 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Power Application Controller

PAC5523 Datasheet (HTML) - Qorvo, Inc


PAC5523 Product details

FEATURES
Proprietary Multi-Mode Power Manager
o Multi-mode switching supply controller configurable for DC/DC Buck or SEPIC topologies
o Direct battery supply from 5V – 20V
o 4 Linear regulators with power and hibernate management
o Power and temperature monitor, warning, fault detection
Proprietary Configurable Analog Front-End
o 10 Analog Front-End IO pins
o 3 Differential Programmable Gain Amplifiers
o 4 Single-ended Programmable Gain Amplifiers
o Programmable Over-Current Protection
o 10 Comparators
o 2 DACs (10-bit and 8-bit)
o Integrated BEMF comparator mode with virtual center-tap
Proprietary Application Specific Power Drivers
o 3 Low-side and 3 High-Side gate drivers with 1.5A gate driving capacity
o Configurable propagation delay and fault protection
150MHz Arm® Cortex®-M4F 32-bit Microcontroller Core
o Single-cycle 32-bit x 32-bit hardware multiplier
o 32-bit hardware divider
o DSP Instructions and Saturation Arithmetic Support
o Integrated sleep and deep sleep modes
o Single-precision Floating Point Unit (FPU)
o 8-region Memory Protection Unit (MPU)
o Nested Vectored Interrupt Controller (NVIC) with 32 Interrupts with 8 levels of priority
o 24-Bit SysTick Timer
o Wake-up Interrupt Controller (WIC) allowing power-saving sleep modes
o Clock-gating allowing low-power operation
o Embedded Trace Macrocell (ETM) for in-system debugging at real-time without
breakpoints
Memory
o 128kB FLASH
o 32kB SRAM with ECC
o 2 x 1kB INFO FLASH area for manufacturing information
o 1 x 1kB INFO FLASH area for user parameter storage and application configuration or
code
o Code Protection
▪ Analog to Digital Converter (ADC)
o 12-bit resolution
o 2.5MSPS
o Programmable Dynamic Triggering and Sampling Engine (DTSE)
▪ I/O
o 3.3V Digital Input/Output or Analog Input for ADC
o Configurable weak pull-up and pull-down
o Configurable drive strength (6mA to 25mA minimum)
o Dedicated Integrated IO power supply (3.3V)
o Flexible peripheral MUX allowing each IO pin to be configured with one of up to 8
peripheral functions
o Flexible Interrupt Controller
▪ Flexible Clock Control System (CCS)
o 300MHz PLL from internal 2% oscillator
o 20MHz Ring Oscillator
o 20MHz External Clock Input
▪ Timing Generators
o Four 16-bit timers with up to 32 PWM/CC blocks
▪ 16 Programmable Hardware Dead-time generators
▪ Up to 300MHz input clock for high-resolution PWM
o 16-bit Windowed Watchdog Timer (WWDT)
o 24-bit Real-time Clock (RTC) with Calendar and Alarm Functions
o 24-bit SysTick Timer
o 2 x 24-bit General-purpose count-down timers with interrupt
o Wake-up timer for sleep modes from 0.125s to 8s
▪ Communication Peripherals
o 3 x USART
▪ SPI or UART modes
▪ SPI Master/Slave, up to 25MHz
▪ UART, up to 1Mbps
o I2C Master/Slave
o CAN 2.0A/B Controller
o Single Wire Debugger (SWD)/JTAG
o Embedded Trace Macrocell (ETM)
▪ 4-Level User-Configurable Code Protection
▪ 96-bit Unique ID
▪ CRC Engine
o Offloads software for communications and safety protocol through hardware acceleration
o Configurable Polynomial (CRC-16 or CRC-8)
o Configurable Input Data Width, Input and Output Reflection
o Programmable Seed Value




Similar Part No. - PAC5523

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
Power Application Controller
Rev 1.1 - May 30, 2018
PAC5523QM ACTIVE-SEMI-PAC5523QM Datasheet
1Mb / 89P
Power Application Controller
Rev 1.1 - May 30, 2018
More results


Similar Description - PAC5523

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
Power Application Controller
Rev 1.0-February 25, 2014
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
Power Application Controller
Rev 1.10 -January 28, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
Power Application Controller
Rev 1.6-January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
Power Application Controller
Rev 1.6-April 15, 2016
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
Power Application Controller
Rev 1.18-December 29, 2016
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
Power Application Controller
Rev 1.14-June 15, 2017
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
Power Application Controller
Rev 1.1 - May 30, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com