Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC5524 Datasheet (PDF) - Qorvo, Inc

PAC5524 Datasheet PDF - Qorvo, Inc
Part # PAC5524
Download  PAC5524 Download
File Size   1416.78 Kbytes
Page   89 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description High Pin-Count 70V Motor Controller and Driver for BLDC Motors

PAC5524 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAC5524 Datasheet PDF - Qorvo, Inc

Part # PAC5524
Download  PAC5524 Click to download

File Size   1416.78 Kbytes
Page   89 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description High Pin-Count 70V Motor Controller and Driver for BLDC Motors

PAC5524 Datasheet (HTML) - Qorvo, Inc


PAC5524 Product details

Features
Multi-Mode Power ManagerTM (MMPM)
▪ Optional multi-mode switching supply controller configurable for DC/DC Buck or SEPIC topologies
▪ Direct DC supply up to 20V
▪ Integrated LDOs for MCU core, IO, analog with power and hibernate management
▪ Power and temperature monitor, warning and fault detection
▪ Low-power total hibernate mode, IQ = 18μA
Configurable Analog Front-EndTM (CAFE)
▪ 3 Differential Programmable-gain Amplifiers
▪ 4 Single-ended Programmable-gain Amplifiers
▪ 2.5V ADC reference
▪ Programmable over-current shutdown
▪ Hibernate push-button wake-up
▪ Power supply monitoring via ADC
Application Specific Power DriversTM (ASPD)
▪ Integrated level shifters and pre-drivers
▪ 3 Low-side and 3 High-Side gate drivers with 1.5A gate driving capacity
▪ Break-before-make (BBM) hardware dead-time enforcement to prevent shoot-through
▪ Configurable propagation delay and fault protection
▪ OC, UV protection
MCU
▪ 150MHz Arm® Cortex®-M4F MCU
▪ Hardware multiplier and divider
▪ Single-precision Floating Point Unit (FPU)
▪ Nested Vectored Interrupt Controller (NVIC) with 32 interrupts and 8 priority levels
▪ Clock-gating for low-power operation
▪ Embedded Trace Macrocell (ETM) for in-system debugging in real-time without breakpoints
Memory
▪ 128kB FLASH, 32kB SRAM with ECC
▪ 2 x 1kB INFO FLASH for manufacturing information
▪ 1 x 1kB INFO FLASH for user parameter storage and application configuration code
▪ 4-level user-configurable code protection
ADC
▪ 12-bit 2.5MSPS SAR ADC
▪ Dynamic Triggering and Sequence Engine (DTSE)
o Up to 16 configurable sequences
o Dedicated memory for conversion results
IO
▪ 3.3V digital input/output or analog input for ADC
▪ Configurable weak pull-up or pull-down
▪ Configurable drive strength (6mA to 25mA minimum)
▪ Flexible peripheral MUX allowing each IO pin to select from up to 8 peripheral functions
▪ Flexible interrupt controller
Flexible Clock Control System (CCS)
▪ 300MHz PLL from internal 2% oscillator
▪ 20MHz ring oscillator
▪ Optional 20MHz external clock input
Timing Generators
▪ Four 16-bit PWM timers with up to 8 CCR output units each
▪ 24-bit SysTick count-down timer
▪ Windowed Watch-dog Timer (WWDT)
▪ 24-bit Real-Time Clock (RTC) with calendar and alarm
▪ 2 x 24-bit General-purpose count-down timers with interrupt
▪ Hibernate wake-up timer for sleep modes from 0.125s to 8s
Communication Peripherals
▪ 3 x USART (UART or SPI)
▪ I2C master/slave
▪ SPI master/slave, up to 25MHz
▪ CAN 2.0B Controller
▪ SWD or JTAG serial debug interfaces
▪ Embedded Trace Macrocell (ETM)
8b/16b CRC Engine
96-bit Unique ID
Physical
▪ TA = -40C to 125C
▪ QFN 8x8mm 64-pin package
o Exposed pad for thermal management




Similar Part No. - PAC5524

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
PAC5524A QORVO-PAC5524A Datasheet
1Mb / 85P
Power Application Controller®
More results


Similar Description - PAC5524

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
logo
Melexis Microelectronic...
MLX81200 MELEXIS-MLX81200 Datasheet
341Kb / 15P
BLDC Motor Controller
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
BLDC Motor Controller
logo
TRINAMIC Motion Control...
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
MODULES FOR BLDC MOTORS
logo
STMicroelectronics
STSPIN230 STMICROELECTRONICS-STSPIN230 Datasheet
436Kb / 22P
Low voltage triple half-bridge motor driver for BLDC motors
November 2016 Rev 4
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205_15 Datasheet
679Kb / 18P
BLDC Motor Controller
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com