Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY58 Datasheet (PDF) - Solitron Devices Inc.

BUY58 Datasheet PDF - Solitron Devices Inc.
Part # BUY58
Download  BUY58 Download
File Size   353.49 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description PRO-ELECTRON POWER TRANSISTORS

BUY58 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUY58 Datasheet PDF - Solitron Devices Inc.

Part # BUY58
Download  BUY58 Click to download

File Size   353.49 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description PRO-ELECTRON POWER TRANSISTORS

BUY58 Datasheet (HTML) - Solitron Devices Inc.




Similar Part No. - BUY58

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUY58 SEME-LAB-BUY58 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
New Jersey Semi-Conduct...
BUY58 NJSEMI-BUY58 Datasheet
81Kb / 2P
Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
BUY58 ISC-BUY58 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 160V(Min.)
More results


Similar Description - BUY58

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
BF256 NSC-BF256 Datasheet
120Kb / 2P
JFET PRO ELECTRON SERIES
logo
List of Unclassifed Man...
5591 ETC2-5591 Datasheet
61Kb / 1P
ADVANCE ELECTRON TUBE
437A ETC2-437A Datasheet
91Kb / 4P
ELECTRON TUBE
logo
First Components Intern...
BZY47C3V3 FCI-BZY47C3V3_1 Datasheet
163Kb / 2P
2 Watt ZENER DIODES (3.3V to 200V) PRO ELECTRON REGISTRATION
logo
OptoDiode Corp
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
ELECTRON DETECTION 100 mm Ideal for electron detection
logo
Hamamatsu Corporation
R8811 HAMAMATSU-R8811_15 Datasheet
493Kb / 2P
ELECTRON MULTIPLIER
R6985-80 HAMAMATSU-R6985-80_15 Datasheet
134Kb / 2P
ELECTRON MULTIPLIER
R4146-10 HAMAMATSU-R4146-10_15 Datasheet
132Kb / 2P
ELECTRON MULTIPLIER
logo
List of Unclassifed Man...
6F3P ETC-6F3P Datasheet
163Kb / 4P
electron Tube
6J1 ETC-6J1 Datasheet
170Kb / 4P
electron Tube
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com