Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD24VS2UAT Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD24VS2UAT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD24VS2UAT
Download  PESD24VS2UAT Download
File Size   241.56 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode in SOT23 package

PESD24VS2UAT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD24VS2UAT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD24VS2UAT
Download  PESD24VS2UAT Click to download

File Size   241.56 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode in SOT23 package

PESD24VS2UAT Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD24VS2UAT Product details

1. General description
Unidirectional double ESD protection diode in common cathode configuration in a small SOT23
Surface-Mounted Device (SMD) plastic package, designed to protect up to two data lines against
damage from ElectroStatic Discharge (ESD) and other transients.
2. Features and benefits
• Unidirectional ESD protection of up to two lines
• Common-cathode configuration
• Max. peak pulse power: PPPM = 160 W at tp = 8/20 μs
• Ultra-low reverse leakage current: IRM = 1 nA
• ESD protection: 23 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 3 A at tp = 8/20 μs
3. Applications
• Computers and peripherals
• Communication systems
• Audio and video equipment
• Data lines




Similar Part No. - PESD24VS2UAT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS2UAT PHILIPS-PESD24VS2UAT Datasheet
122Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD24VS2UAT PHILIPS-PESD24VS2UAT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD24VS2UAT NXP-PESD24VS2UAT Datasheet
237Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESD24VS2UAT NEXPERIA-PESD24VS2UAT Datasheet
241Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Feb 18
More results


Similar Description - PESD24VS2UAT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD5V0S2UAT-Q NEXPERIA-PESD5V0S2UAT-Q Datasheet
208Kb / 11P
Double ESD protection diode in SOT23 package
3 May 2022
PESD3V3S2UAT-Q NEXPERIA-PESD3V3S2UAT-Q Datasheet
208Kb / 11P
Double ESD protection diode in SOT23 package
2 June 2023
PESD3V3S2UAT NEXPERIA-PESD3V3S2UAT Datasheet
243Kb / 12P
Double ESD protection diode in SOT23 package
27 June 2023
PESD5V0S2UAT NEXPERIA-PESD5V0S2UAT Datasheet
205Kb / 11P
Double ESD protection diode in SOT23 package
1 April 2023
PESD15VS2UAT NEXPERIA-PESD15VS2UAT Datasheet
244Kb / 11P
Double ESD protection diode in SOT23 package
13 April 2023
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Feb 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com