Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD24VS4UD Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD24VS4UD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD24VS4UD
Download  PESD24VS4UD Download
File Size   239.88 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple ESD protection diode array

PESD24VS4UD Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD24VS4UD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD24VS4UD
Download  PESD24VS4UD Click to download

File Size   239.88 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple ESD protection diode array

PESD24VS4UD Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD24VS4UD Product details

1. General description
Quadruple ElectroStatic Discharge (ESD) protection diode array in a SOT457 (SC-74) small
Surface-Mounted Device (SMD) plastic package designed to protect up to 4 signal lines from the
damage caused by ESD and other transients.
2. Features and benefits
• ESD protection of up to 4 lines
• Max. peak pulse power: PPPM = 200 W
• Ultra low leakage current: IRM = 0.05 nA
• Low clamping voltage: VCL = 52 V at IPP = 4 A
• ESD protection up to 23 kV
• IEC 61000-4-2; level 4 (ESD)
• EC 61000-4-5; (surge); IPPM = 4 A
3. Application information
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Communication systems
• Portable electronics
• SIM card protection




Similar Part No. - PESD24VS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS4UD NXP-PESD24VS4UD Datasheet
102Kb / 12P
Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
logo
TECH PUBLIC Electronics...
PESD24VS4UD TECHPUBLIC-PESD24VS4UD Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
logo
Nexperia B.V. All right...
PESD24VS4UD-Q NEXPERIA-PESD24VS4UD-Q Datasheet
239Kb / 12P
Quadruple ESD protection diode array
10 May 2022
More results


Similar Description - PESD24VS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL4UW PHILIPS-PESDXL4UW Datasheet
85Kb / 9P
Low capacitance quadruple ESD protection array
2004 Apr 06
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
ESD Protection Diode Array
02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
ESD Protection Diode Array
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
ESD Protection Diode Array
logo
Nexperia B.V. All right...
PESD3V3S4UD-Q NEXPERIA-PESD3V3S4UD-Q Datasheet
239Kb / 12P
Quadruple ESD protection diode array
10 May 2022
PESD5V0S4UD-Q NEXPERIA-PESD5V0S4UD-Q Datasheet
247Kb / 12P
Quadruple ESD protection diode array
10 May 2022
PESD24VS4UD-Q NEXPERIA-PESD24VS4UD-Q Datasheet
239Kb / 12P
Quadruple ESD protection diode array
10 May 2022
PESD3V3S4UD NEXPERIA-PESD3V3S4UD Datasheet
240Kb / 12P
Quadruple ESD protection diode array
11 April 2023
PESD5V0S4UD NEXPERIA-PESD5V0S4UD Datasheet
246Kb / 12P
Quadruple ESD protection diode array
17 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com