Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD30VF1BBL Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD30VF1BBL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD30VF1BBL
Download  PESD30VF1BBL Download
File Size   209.99 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bidirectional ESD protection diode

PESD30VF1BBL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD30VF1BBL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD30VF1BBL
Download  PESD30VF1BBL Click to download

File Size   209.99 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bidirectional ESD protection diode

PESD30VF1BBL Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD30VF1BBL Product details

1. General description
Ultra low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode in a DFN1006-2
(SOD882) leadless ultra small Surface-Mounted Device (SMD) plastic package, designed to
protect one signal line from the damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• High reverse standoff voltage VRWM = 30 V
• Ultra-low diode capacitance Cd = 0.27 pF
• Ultra small plastic package 1.0 x 0.6 x 0.48 mm
• ESD protection up to ±12 kV contact discharge according to IEC 61000-4-2
3. Applications
• NFC antenna protection
• Protection of high-speed data lines




Similar Part No. - PESD30VF1BBL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD30VF1BBL-Q NEXPERIA-PESD30VF1BBL-Q Datasheet
213Kb / 11P
Bidirectional ESD protection diode
11 August 2023
More results


Similar Description - PESD30VF1BBL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD1IVN24L-Q NEXPERIA-PESD1IVN24L-Q Datasheet
198Kb / 11P
Bidirectional ESD protection diode
7 March 2023
PESD1IVN27L-Q NEXPERIA-PESD1IVN27L-Q Datasheet
216Kb / 11P
Bidirectional ESD protection diode
7 March 2023
PESD5V0S1BB-Q NEXPERIA-PESD5V0S1BB-Q Datasheet
208Kb / 11P
Bidirectional ESD protection diode
10 June 2022
PESD27VV1BA NEXPERIA-PESD27VV1BA Datasheet
265Kb / 11P
Bidirectional ESD protection diode
25 June 2019
PESD3V3T1BLS NEXPERIA-PESD3V3T1BLS Datasheet
228Kb / 11P
Bidirectional ESD protection diode
8 February 2021
PESD3V3T1BLD NEXPERIA-PESD3V3T1BLD Datasheet
264Kb / 12P
Bidirectional ESD protection diode
21 November 2018
PESD5V0S1BLD NEXPERIA-PESD5V0S1BLD Datasheet
279Kb / 11P
Bidirectional ESD protection diode
11 October 2018
PESD18VF1BBL NEXPERIA-PESD18VF1BBL Datasheet
207Kb / 11P
Bidirectional ESD protection diode
25 July 2023
PESD24VV1BLS NEXPERIA-PESD24VV1BLS Datasheet
230Kb / 11P
Bidirectional ESD protection diode
3 June 2022
PESD27VV1BL NEXPERIA-PESD27VV1BL Datasheet
215Kb / 11P
Bidirectional ESD protection diode
12 May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com