Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD48VV2BTR Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD48VV2BTR Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD48VV2BTR
Download  PESD48VV2BTR Download
File Size   212.61 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for 48V lines

PESD48VV2BTR Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD48VV2BTR Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD48VV2BTR
Download  PESD48VV2BTR Click to download

File Size   212.61 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for 48V lines

PESD48VV2BTR Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD48VV2BTR Product details

1. General description
ESD protection device in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package designed to protect two lines from the damage caused by electrostatic discharge (ESD)
and other transients.
2. Features and benefits
• Reverse stand-off voltage: VRWM = 48 V
• Low clamping voltage: VCL= 67 V at IPPM = 3.5 A
• Typical diode capacitance matching: ΔCd/Cd = 0.5 %
• Low capacitance for improved signal integrity: Cd typ = 7.1 pF
• ESD protection up to 30 kV (IEC 61000-4-2; ISO 10605; C = 330 pF, R = 330 Ω)
• Low leakage current: IRM < 1 nA
3. Applications
ESD protection for
• 48 V lines
• USB Type-C, CC and SBU lines in combination with 48 V Extended Power Range (EPR)




Similar Part No. - PESD48VV2BTR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD42VS2UT NEXPERIA-PESD42VS2UT Datasheet
262Kb / 10P
Double ESD protection diode array
24 January 2019
PESD42VS2UT-Q NEXPERIA-PESD42VS2UT-Q Datasheet
273Kb / 12P
Double ESD protection diode array
23 September 2022
logo
Texas Instruments
PESD441DPLR TI-PESD441DPLR Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
PESD441DPLR TI-PESD441DPLR Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
PESD451DPLR TI-PESD451DPLR Datasheet
685Kb / 12P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
APRIL 2023
More results


Similar Description - PESD48VV2BTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Shanghai Yint Electroni...
ESD5V0J4 YINT-ESD5V0J4 Datasheet
668Kb / 4P
Four-Lines ESD Protection
ESD5V0K5 YINT-ESD5V0K5 Datasheet
712Kb / 4P
Five-Lines ESD Protection
logo
Nexperia B.V. All right...
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
ESD protection for differential data lines
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
ESD protection for differential data lines
PESDXUSB30_SER NEXPERIA-PESDXUSB30_SER Datasheet
3Mb / 19P
ESD protection for differential data lines
Rev. 2 - 26 April 2016
PESDXUSB3B_SER NEXPERIA-PESDXUSB3B_SER Datasheet
1Mb / 18P
ESD protection for differential data lines
Rev. 2 - 29 January
PESDXUSB3S_SER NEXPERIA-PESDXUSB3S_SER Datasheet
1,001Kb / 16P
ESD protection for differential data lines
Rev. 4 - 30 January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com