Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-702FS Datasheet (PDF) - Lite-On Technology Corporation

LTV-702FS Datasheet PDF - Lite-On Technology Corporation
Part # LTV-702FS
Download  LTV-702FS Download
File Size   173.16 Kbytes
Page   10 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description NPN-OUTPUT DC-INPUT OPTOCOUPLER

LTV-702FS Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-702FS Datasheet PDF - Lite-On Technology Corporation

Part # LTV-702FS
Download  LTV-702FS Click to download

File Size   173.16 Kbytes
Page   10 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description NPN-OUTPUT DC-INPUT OPTOCOUPLER

LTV-702FS Datasheet (HTML) - Lite-On Technology Corporation


LTV-702FS Product details

FEATURES
* Directly connectable to TTL
* High collector-emitter voltage
    ( VCEO = 70V )
* High input-output isolation voltage
    ( Viso = 5,000Vrms )
* Response time
    ( tr : TYP. 2µs at VCC = 5V, IF = 10mA, RL = 75Ω )
* Current transfer ratio
    ( CTR : MIN. 40% at IF = 10mA, VCE = 5V )
* Dual-in-line package :
    LTV-702F
* Wide lead spacing package :
    LTV-702FM
* Surface mounting package :
    LTV-702FS
* Tape and reel packaging :
    LTV-702FS-TA1
* UL approved ( No. E113898 )
* TUV approved ( No. R9653630 )
* CSA approved ( No. CA91533-1 )
* FIMKO approved ( No. 193422-01 )
* NEMKO approved ( No. P96103013 )
* DEMKO approved ( No. 303968 )
* SEMKO approved ( No. 9646047 / 01-30 )
* VDE approved ( No. 094722 )




Similar Part No. - LTV-702FS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-702FS TENAND-LTV-702FS Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-702FS-TA TENAND-LTV-702FS-TA Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-702FS-TA1 TENAND-LTV-702FS-TA1 Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
More results


Similar Description - LTV-702FS

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
DC Input Optocoupler
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
DC Input Optocoupler
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
DC Input Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
DC Input Quad Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
DC Input Quad Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com