Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16686P Datasheet (PDF) - Renesas Technology Corp

UPD16686P Datasheet PDF - Renesas Technology Corp
Part # UPD16686P
Download  UPD16686P Download
File Size   930.67 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTERGRATED CIRCUIT

UPD16686P Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16686P Datasheet PDF - Renesas Technology Corp

Part # UPD16686P
Download  UPD16686P Click to download

File Size   930.67 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTERGRATED CIRCUIT

UPD16686P Datasheet (HTML) - Renesas Technology Corp


UPD16686P Product details

FEATURES
• μPD16686: COM outputs configured on both sides of chip
• μPD16687: COM outputs configured on one side of chip
• LCD controller/driver with on-chip display RAM
• Can operate using single power supply (logic system) in range from +1.7 to +3.6 V.
• On-chip booster: Switchable from x2 to x9 modes
• Dot display RAM: 128 x 128 x 2 bits
• Selection of four levels of gray scales from among 33 possible levels (four-frame rate control + 8 pulse width
modulation)
• Full dot outputs: 128 segment outputs and 128 common outputs
• Static icon outputs: 20 segment outputs and 2 common outputs (same signal is output)
• Serial data input and 8-bit parallel data input (i80 series interface and M68 series interface)
• On-chip voltage divider resistor
• Selectable bias levels: 1/12 to 1/7 bias (normal display), 1/6 or 1/5 bias (partial display)
• Duty settings: 1/128 to 1/1 duty
• On-chip oscillator




Similar Part No. - UPD16686P

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16686P NEC-UPD16686P Datasheet
788Kb / 99P
1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
More results


Similar Description - UPD16686P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL851 ETC-TL851 Datasheet
343Kb / 4P
Digital Intergrated Circuit
logo
Toshiba Semiconductor
TC55V16100FTI-12 TOSHIBA-TC55V16100FTI-12 Datasheet
424Kb / 8P
MOS DIGITAL INTERGRATED CIRCUIT SILICON GATE CMOS
logo
NEC
UPD780226GF NEC-UPD780226GF Datasheet
1Mb / 47P
MOS INTERGRATED CIRCUIT
logo
List of Unclassifed Man...
K590 ETC1-K590 Datasheet
959Kb / 16P
MOS-Intergrated Microcircuits
TDA1190 ETC1-TDA1190 Datasheet
405Kb / 9P
LINEAR INTERGRATED CIRCUIT
logo
NEC
UPD78P058F NEC-UPD78P058F Datasheet
2Mb / 74P
MOS INTERGRATED CIRCUIT, 8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Samsung semiconductor
KA2916 SAMSUNG-KA2916 Datasheet
249Kb / 5P
Linear intergrated circuit
logo
List of Unclassifed Man...
KA2261 ETC1-KA2261 Datasheet
238Kb / 5P
Linear Intergrated Circuit
KA2292 ETC1-KA2292 Datasheet
288Kb / 5P
Linear Intergrated Circuit
KA2407 ETC1-KA2407 Datasheet
157Kb / 4P
Linear Intergrated Circuit
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com