Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1551901 Datasheet (PDF) - PHOENIX CONTACT

1551901 Datasheet PDF - PHOENIX CONTACT
Part # 1551901
Download  1551901 Download
File Size   507.98 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MSD-4CON-M12/0,5 SCO - Device connector, rear mounting

1551901 Datasheet (PDF)

Go To PDF Page Download Datasheet
1551901 Datasheet PDF - PHOENIX CONTACT

Part # 1551901
Download  1551901 Click to download

File Size   507.98 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MSD-4CON-M12/0,5 SCO - Device connector, rear mounting

1551901 Datasheet (HTML) - PHOENIX CONTACT


1551901 Product details

Device connector, rear mounting, PROFINET, 4-position, Flush-type male connector, straight,
M12-SPEEDCON, coding: D , on free cable end, Rear mounting, M12 x 1, Individual wires, cable
length: 0.5 m, 0.34 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1240002

Your advantages
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• Standard pin assignments for signal and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1551901

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551914 PHOENIX-1551914 Datasheet
506Kb / 11P
SACC-DSI-MS-8CON-M12/0,5 SCO - Device connector, rear mounting
logo
Tyco Electronics
1551920-1 MACOM-1551920-1 Datasheet
4Mb / 6P
Quick Reference Guide
1551920-2 MACOM-1551920-2 Datasheet
528Kb / 2P
z-Quad Small Form-factor Pluggable Plus (zQSFP) Interconnect System
logo
TE Connectivity Ltd
1551920-2 TEC-1551920-2 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
logo
PHOENIX CONTACT
1551927 PHOENIX-1551927 Datasheet
479Kb / 14P
SAC-6P-M 8MS-M 8FS/.../... - Sensor/actuator cable
More results


Similar Description - 1551901

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1419629 PHOENIX-1419629 Datasheet
531Kb / 13P
SACC-DSI-M12MS-4CON-M16/0,5 - Device connector, rear mounting
1453452 PHOENIX-1453452 Datasheet
407Kb / 8P
SACC-DSI-M 8FS-4CON-M12/0,5 - Device connector, rear mounting
1456093 PHOENIX-1456093 Datasheet
411Kb / 9P
SACC-DSI-M8FS-4CON-M10/0,5 - Device connector, rear mounting
1424136 PHOENIX-1424136 Datasheet
349Kb / 9P
SACC-DSI-M12MST-4CON-M16/0,5 - Device connector, rear mounting
1551875 PHOENIX-1551875 Datasheet
603Kb / 13P
SACC-DSI-MS-4CON-M12/0,5 SCO - Device connector, rear mounting
1551914 PHOENIX-1551914 Datasheet
506Kb / 11P
SACC-DSI-MS-8CON-M12/0,5 SCO - Device connector, rear mounting
1553462 PHOENIX-1553462 Datasheet
499Kb / 10P
SACC-DSI-FS-4CON-L180 SCO - Device connector, rear mounting
1437122 PHOENIX-1437122 Datasheet
525Kb / 13P
SACC-DSI-MS-12CON-M12/0,5 SCO - Device connector, rear mounting
1437135 PHOENIX-1437135 Datasheet
512Kb / 11P
SACC-DSI-MS-17CON-M12/0,5 SCO - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com