Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4528-1 Datasheet (PDF) - Analog Devices

ADA4528-1 Datasheet PDF - Analog Devices
Part # ADA4528-1
Download  ADA4528-1 Download
File Size   923.43 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36 V, Low Noise, Zero Drift Op Amp

ADA4528-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4528-1 Datasheet PDF - Analog Devices

Part # ADA4528-1
Download  ADA4528-1 Click to download

File Size   923.43 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36 V, Low Noise, Zero Drift Op Amp

ADA4528-1 Datasheet (HTML) - Analog Devices


ADA4528-1 Product details

FEATURES
Supply voltage range: 4.5 V to 36 V
Offset voltage: ±4 μV maximum at 5 V
Offset voltage drift: 0.01 μV/°C maximum at 5 V
Input noise
Voltage: 88 nV p-p from 0.1 Hz to 10 Hz typical
Spectral density voltage: 4.2 nV/√Hz typical at 1 kHz
Rail-to-rail output
Unity-gain stable
GBP: 5 MHz typical
Slew rate: 1.8 V/μs typical falling
PSRR: 168 dB typical at VS = 4.5 V to 36 V
Open-loop voltage gain: 160 dB typical at VOUT = −14.75 V to +14.75 V, RL = 10 kΩ, VS = 30 V
CMRR: 160 dB typical at VCM = −15.1 V to +13.5 V, VS = 30 V
Integrated EMI filters
Shutdown mode
Ground sense
Available in 8-lead SOIC, 8-lead MSOP, and 8-lead LFCSP

APPLICATIONS
High resolution data acquisition
Reference buffering
Test and measurement
Electronic scales
Thermocouple amplifiers
Strain gages
Low-side current sense

GENERAL DESCRIPTION
The ADA4523-1 is a high voltage, low noise, zero drift op amp that offers precision dc performance over a wide supply range of 4.5 V to 36 V. Offset voltage and 1/f noise are suppressed, allowing this op amp to achieve a maximum offset voltage of ±4 μV and a 0.1 Hz to 10 Hz input noise voltage of 88 nV p-p typical. The self calibrating circuitry of the ADA4523-1 results in low offset voltage drift with temperature (0.01 μV/°C maximum) and zero drift over time. Additionally, the ADA4523-1 uses on-chip filtering to achieve high immunity to electromagnetic interference (EMI).
Wide supply range, combined with low noise, low offset, 168 dB power supply rejection ratio (PSRR), and 160 dB common-mode rejection ratio (CMRR), make the ADA4523-1 well suited for high dynamic range test, measurement, and instrumentation systems.




Similar Part No. - ADA4528-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1 Datasheet
879Kb / 24P
30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
ADA4528-1 AD-ADA4528-1 Datasheet
603Kb / 5P
Devices Connected
Rev. 0
ADA4528-1 AD-ADA4528-1 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
ADA4528-1 AD-ADA4528-1 Datasheet
4Mb / 33P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Rev. G
More results


Similar Description - ADA4528-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
Low Noise, Low Drift FET Op Amp
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Analog Devices
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Texas Instruments
OPA2182 TI1-OPA2182 Datasheet
721Kb / 22P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V01 Datasheet
2Mb / 37P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V02 Datasheet
3Mb / 38P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com