Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20011E Datasheet (PDF) - Analog Devices

MAX20011E Datasheet PDF - Analog Devices
Part # MAX20011E
Download  MAX20011E Download
File Size   1130.49 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive Single 8A/12A/16A Step-Down Converters

MAX20011E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20011E Datasheet PDF - Analog Devices

Part # MAX20011E
Download  MAX20011E Click to download

File Size   1130.49 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive Single 8A/12A/16A Step-Down Converters

MAX20011E Datasheet (HTML) - Analog Devices


MAX20011E Product details

General Description
The MAX20011E/MAX20011F/MAX20011G are high-efficiency,
synchronous step-down converters that operate
with a 3.0V to 5.5V input voltage range and supply a 0.5V
to 1.275V output voltage range. The wide input/output
voltage range and ability to provide up to 16A peak output
current make these devices ideal for on-board point-ofload
and post-regulation applications. The MAX20011E/
MAX20011F/MAX20011G achieve ±1.5% output error
over load, line, and temperature ranges.
The MAX20011E/MAX20011F/MAX20011G feature a
2.2MHz fixed-frequency PWM mode for better noise immunity
and load-transient response. The 2.2MHz frequency
operation allows for the use of all ceramic capacitors
and minimizes external components. The spread-spectrum
frequency modulation option minimizes radiated
electromagnetic emissions. Integrated low RDS(on)
switches improve efficiency at heavy loads and make layout
simpler than discrete solutions.
The MAX20011E/MAX20011F/MAX20011G are offered
with factory-preset output voltage. The I2C interface supports
dynamic voltage adjustment with programmable
slew rates. Other features include programmable softstart,
overcurrent, and overtemperature protections.

Applications
● Automotive ADAS Systems
● SoC Core Power

Benefits and Features
● High Efficiency DC-DC Converter
● Up to 16A Peak Output Current
• MAX20011E: IMAX = 8A
• MAX20011F: IMAX = 12A
• MAX20011G: IMAX = 16A
● Differential Remote Voltage Sensing
● 3.0V to 5.5V Operating Supply Voltage
● I2C-Controlled Output Voltage:
• 0.5V to 1.275V in 6.25mV Steps
● Excellent Load-Transient Performance
● Programmable Compensation
● 2.2MHz or 1.1MHz Operation
● ±1.5% Output Voltage Accuracy (Full Range)
● ±1% Output Voltage Accuracy (Fixed 1V)
● RESET Output
● Current-Mode, Forced PWM Operation
● ASIL D Compliant:
• Redundant Reference
• BIST Diagnostics
• PEC on I2C
• Programmable OV/UV with ±1% Accuracy
● Overtemperature and Short-Circuit Protection
● 3.5mm x 4mm, 17-Pin Side-Wettable FC2QFN
● -40°C to +125°C Grade 1 Automotive Temperature
Range




Similar Part No. - MAX20011E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX20010C, MAXIM-MAX20010C, Datasheet
503Kb / 6P
Differential Remote-Voltage Sensing
Rev 4; 5/19
MAX20010CATPDV MAXIM-MAX20010CATPDV Datasheet
803Kb / 23P
Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX20010CATPEV MAXIM-MAX20010CATPEV Datasheet
803Kb / 23P
Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX20010CATPJV MAXIM-MAX20010CATPJV Datasheet
803Kb / 23P
Automotive Single 6A Step-Down Converters
Rev 6; 2/20
More results


Similar Description - MAX20011E

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-20 MPS-MPQ8612-20 Datasheet
776Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
logo
Texas Instruments
LM53602-Q1 TI1-LM53602-Q1 Datasheet
1Mb / 40P
Step-Down Converters
logo
Exar Corporation
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
8A and 12A Synchronous Step Down COT Regulator
logo
Monolithic Power System...
MPQ8612 MPS-MPQ8612 Datasheet
826Kb / 27P
High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
logo
Maxim Integrated Produc...
MAX20004 MAXIM-MAX20004 Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX20499C MAXIM-MAX20499C Datasheet
769Kb / 24P
Automotive Single 16A/12A Step-Down Converter
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com