Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL3552B Datasheet (PDF) - ON Semiconductor

ESDL3552B Datasheet PDF - ON Semiconductor
Part # ESDL3552B
Download  ESDL3552B Download
File Size   295.75 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Capacitance ESD Protection Diodes

ESDL3552B Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDL3552B Datasheet PDF - ON Semiconductor

Part # ESDL3552B
Download  ESDL3552B Click to download

File Size   295.75 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Capacitance ESD Protection Diodes

ESDL3552B Datasheet (HTML) - ON Semiconductor


ESDL3552B Product details

Features
• Industry Leading Capacitance Linearity Over Voltage
• Ultra−Low Capacitance: 0.25 pF
• Insertion Loss: 0.26 dB @ 5 GHz
• 0201 Isolated DSN Package: 0.62 mm x 0.32 mm
• Stand−off Voltage: 5.0 V
• Low Leakage: < 50 nA
• Low Dynamic Resistance: < 1.0 
• These Devices are Pb−Free, Halogen−Free/BFR−Free and are RoHS
Compliant

Typical Applications
• High Speed Data Line Protection
• USB 2.0, USB 3.0, USB 3.1




Similar Part No. - ESDL3552B

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDL3552PFCT5G TECHPUBLIC-ESDL3552PFCT5G Datasheet
1Mb / 4P
Ultra-Low Capacitance ESD Protection Diodes
More results


Similar Description - ESDL3552B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7371 ONSEMI-ESD7371 Datasheet
114Kb / 8P
Ultra-Low Capacitance ESD Protection Diodes
September, 2014 ??Rev. 1
ESD7461 ONSEMI-ESD7461 Datasheet
153Kb / 6P
Ultra-Low Capacitance ESD Protection Diodes
August, 2014 ??Rev. 0
ESD7471 ONSEMI-ESD7471 Datasheet
70Kb / 4P
Ultra-Low Capacitance ESD Protection Diodes
September, 2014 ??Rev. 1
ESD8472 ONSEMI-ESD8472 Datasheet
138Kb / 5P
Ultra-Low Capacitance ESD Protection Diodes
February, 2015 ??Rev. 7
ESD8472 ONSEMI-ESD8472_16 Datasheet
143Kb / 5P
Ultra-Low Capacitance ESD Protection Diodes
June, 2016 ??Rev. 9
logo
Leshan Radio Company
LESD8L5.0CT5G LRC-LESD8L5.0CT5G Datasheet
556Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8L5.0N3T5G LRC-LESD8L5.0N3T5G Datasheet
738Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8LF5.0CT5G LRC-LESD8LF5.0CT5G Datasheet
153Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8LH5.0CN3T5G LRC-LESD8LH5.0CN3T5G Datasheet
229Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD9L5.0CT5G LRC-LESD9L5.0CT5G Datasheet
453Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com