Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRKA20065F8M1 Datasheet (PDF) - ON Semiconductor

PCRKA20065F8M1 Datasheet PDF - ON Semiconductor
Part # PCRKA20065F8M1
Download  PCRKA20065F8M1 Download
File Size   111.76 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Extremefast Diode with Solderable Top Metal

PCRKA20065F8M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCRKA20065F8M1 Datasheet PDF - ON Semiconductor

Part # PCRKA20065F8M1
Download  PCRKA20065F8M1 Click to download

File Size   111.76 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Extremefast Diode with Solderable Top Metal

PCRKA20065F8M1 Datasheet (HTML) - ON Semiconductor


PCRKA20065F8M1 Product details

Features
• AEC−Q101 Qualified
• Maximum Junction Temperature 175°C
• Extremefast Technology with Soft Recovery
• Low Forward Voltage (VF = 1.35 V (Typ.) @ IF = 200 A)
• Cathode Pad covered with Solderable Metal Layer

Applications
• Automotive Traction Modules
• General Power Modules




Similar Part No. - PCRKA20065F8M1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PCRKA20065F8 FAIRCHILD-PCRKA20065F8 Datasheet
185Kb / 4P
650V / 200A Extremefast Diode
More results


Similar Description - PCRKA20065F8M1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADS-001317-1500 MACOM-MADS-001317-1500 Datasheet
254Kb / 6P
Solderable GaAs Flip Chip Schottky Diode
logo
M/A-COM Technology Solu...
MADS-001317-1500 MA-COM-MADS-001317-1500 Datasheet
254Kb / 5P
Solderable GaAs Flip Chip Schottky Diode
MADS-001317-1500 MA-COM-MADS-001317-1500_15 Datasheet
254Kb / 5P
Solderable GaAs Flip Chip Schottky Diode
MADS-001317-1500 MA-COM-MADS-001317-1500_16 Datasheet
581Kb / 6P
Solderable GaAs Flip Chip Schottky Diode
logo
Fairchild Semiconductor
PCRKA20065F8 FAIRCHILD-PCRKA20065F8 Datasheet
185Kb / 4P
650V / 200A Extremefast Diode
PCRKA30065F8 FAIRCHILD-PCRKA30065F8 Datasheet
206Kb / 4P
650V / 300A Extremefast Diode
logo
ON Semiconductor
NCD225E75F8M1 ONSEMI-NCD225E75F8M1 Datasheet
213Kb / 4P
Extremefast Diode Die with Sinterable Top Metal 750 V, 225 A
February, 2020 ??Rev. 0
NCG225L75NF8M1 ONSEMI-NCG225L75NF8M1 Datasheet
216Kb / 5P
Field Stop Trench IGBT Die with Sinterable Top Metal
March, 2020 ??Rev. 0
PCGA200T65NF8M ONSEMI-PCGA200T65NF8M Datasheet
122Kb / 4P
650 V, 200 A Field Stop Trench IGBT with Solderable Top Metal
August, 2018 ??Rev. 0
PCGA300T65DF8M1 ONSEMI-PCGA300T65DF8M1 Datasheet
150Kb / 4P
650 V, 300 A Field Stop Trench IGBT with Solderable Top Metal
November, 2017 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com