Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCV59748 Datasheet (PDF) - ON Semiconductor

SCV59748 Datasheet PDF - ON Semiconductor
Part # SCV59748
Download  SCV59748 Download
File Size   214.23 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear Voltage Regulator with Bias Rail, 1.5 A, Very Low Dropout

SCV59748 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCV59748 Datasheet PDF - ON Semiconductor

Part # SCV59748
Download  SCV59748 Click to download

File Size   214.23 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear Voltage Regulator with Bias Rail, 1.5 A, Very Low Dropout

SCV59748 Datasheet (HTML) - ON Semiconductor


SCV59748 Product details

Features
• Output Current in Excess of 1.5 A
• VIN Range: 0.8 V to 5.5 V
• VBIAS Range: 2.7 V to 5.5 V
• Output Voltage Range: 0.8 V to 3.6 V (Adjustable)
• Dropout Voltage: 60 mV at 1.5 A
• Open Drain Power Good Output
• Fast Transient Response
• Stable with Any Type of Output Capacitor ≥ 2.2 F
• Current Limit and Thermal Shutdown Protection
• SCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These are Pb−Free Devices

Applications
• Automotive, Consumer and Industrial Equipment Point of Load
Regulation
• FPGA, DSP and Logic Power Supplies
• Switching Power Supply Post Regulation




Similar Part No. - SCV59748

ManufacturerPart #DatasheetDescription
logo
Eravant
SCV-000114453003-1F1F-U4 ERAVANT-SCV-000114453003-1F1F-U4 Datasheet
318Kb / 2P
1 mm Bias Tee, 160 kHz to 110 GHz
Rev 1.0
SCV-000183202505-SFSF-U3 ERAVANT-SCV-000183202505-SFSF-U3 Datasheet
317Kb / 3P
SMA Bias Tee, 0.1 MHz to 18 GHz
Rev. 1.0
SCV-000273223008-KFKF-U3 ERAVANT-SCV-000273223008-KFKF-U3 Datasheet
340Kb / 3P
2.92 mm Bias Tee, 30 kHz to 27 GHz
Rev. 1.0
SCV-000403302508-KFKF-U3 ERAVANT-SCV-000403302508-KFKF-U3 Datasheet
312Kb / 3P
2.92 mm Bias Tee, 30 kHz to 40 GHz
Rev. 1.0
SCV-000653402505-VFVF-U4 ERAVANT-SCV-000653402505-VFVF-U4 Datasheet
313Kb / 3P
1.85 mm Bias Tee, 30 kHz to 65 GHz
Rev 1.0
More results


Similar Description - SCV59748

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCP139 ONSEMI-NCP139 Datasheet
197Kb / 9P
1 A, Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2019 ??Rev. 6
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com