Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5408G Datasheet (PDF) - SMC Diode Solutions Co. LTD

1N5408G Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 1N5408G
Download  1N5408G Download
File Size   290.31 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description PURPOSE PLASTIC RECTIFIER

1N5408G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5408G Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 1N5408G
Download  1N5408G Click to download

File Size   290.31 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description PURPOSE PLASTIC RECTIFIER

1N5408G Datasheet (HTML) - SMC Diode Solutions Co. LTD


1N5408G Product details

Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250°C/10s,0.375”(9.5mm) lead length,5lbs.(2.3kg) tension
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - 1N5408G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5408G RECTRON-1N5408G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
1N5408G JGD-1N5408G Datasheet
128Kb / 2P
3.0 AMPS.GLASS PASSIVATED RECTIFIERS
logo
Shanghai Sunrise Electr...
1N5408G SSE-1N5408G Datasheet
16Kb / 1P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Bytes
1N5408G BYTES-1N5408G Datasheet
151Kb / 2P
3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Dc Components
1N5408G DCCOM-1N5408G Datasheet
411Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results


Similar Description - 1N5408G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
logo
SMC Diode Solutions Co....
1N5400G SMCDIODE-1N5400G Datasheet
290Kb / 4P
PURPOSE PLASTIC RECTIFIER
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com