Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8286 Datasheet (PDF) - Allegro MicroSystems

A8286 Datasheet PDF - Allegro MicroSystems
Part # A8286
Download  A8286 Download
File Size   411.98 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Dual LNB Supply and Control Voltage Regulator

A8286 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8286 Datasheet PDF - Allegro MicroSystems

Part # A8286
Download  A8286 Click to download

File Size   411.98 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Dual LNB Supply and Control Voltage Regulator

A8286 Datasheet (HTML) - Allegro MicroSystems


A8286 Product details


Features and Benefits
▪ 2-wire serial I2C™ -compatible interface: control (write)
and status (read)
▪ LNB voltages (16 programmable levels) compatible with
all common standards
▪ Tracking switch-mode power converter for lowest dissipation
▪ Integrated converter switches and current sensing
▪ Output current limit of 900 mA typical, with 48 ms timer
▪ Static current limit circuit allows full current at startup and
13→18 V output transition; reliably starts wide load range
▪ Push-pull output stage minimizes 13→18 V and 18→13 V
output transition times for highly capacitive loads
▪ Adjustable rise/fall time via external timing capacitor
▪ Built-in tone oscillator, factory-trimmed to 22 kHz
facilitates DiSEqC™ tone encoding, even at no-load
▪ Four methods of 22 kHz tone generation, via I2C™ data
bits and/or external pin
▪ 22 kHz tone detector facilitates DiSEqC™ 2.0 decoding
▪ Diagnostics for output voltage level, input supply UVLO,
and DiSEqC™ tone output
▪ Cable disconnect diagnostic
▪ Auxiliary modulation input
▪ LNB overcurrent with time




Similar Part No. - A8286

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8286 ALLEGRO-A8286 Datasheet
384Kb / 20P
Dual LNB Supply and Control Voltage Regulator
More results


Similar Description - A8286

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
logo
Allegro MicroSystems
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
Dual LNB Supply and Control Voltage Regulator
February 15, 2012
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
A8286 ALLEGRO-A8286 Datasheet
384Kb / 20P
Dual LNB Supply and Control Voltage Regulator
A8292 ALLEGRO-A8292 Datasheet
383Kb / 20P
Dual LNB Supply and Control Voltage Regulator
A8297SETTR-T ALLEGRO-A8297SETTR-T Datasheet
143Kb / 1P
A8297 Dual LNB Supply and Control Voltage Regulator
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com