Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1605591 Datasheet (PDF) - PHOENIX CONTACT

1605591 Datasheet PDF - PHOENIX CONTACT
Part # 1605591
Download  1605591 Download
File Size   687.75 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7EP1N8AWK00 - Device connector front mounting

1605591 Datasheet (PDF)

Go To PDF Page Download Datasheet
1605591 Datasheet PDF - PHOENIX CONTACT

Part # 1605591
Download  1605591 Click to download

File Size   687.75 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7EP1N8AWK00 - Device connector front mounting

1605591 Datasheet (HTML) - PHOENIX CONTACT


1605591 Product details

Device connector front mounting, straight low type, Screw locking mechanism, M23, number of
positions: 4+3+PE, contact connection type: Pin, Axial O-ring, 4x Ø 3.2, shielded: yes, flange
dimensions: 28 mm x 28 mm, degree of protection: IP67, cable diameter range: 0 mm ... 0 mm,
number of positions: 8, connection method: Crimp connection, series: SF




Similar Part No. - 1605591

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605595 PHOENIX-1605595 Datasheet
569Kb / 16P
SF-7ES1N8A80A1 - Cable connector
1605597 PHOENIX-1605597 Datasheet
619Kb / 17P
SF-7ES1N8A80A3 - Cable connector
1605598 PHOENIX-1605598 Datasheet
99Kb / 6P
Contact insert - HC-B 16-EBUQ-2,5-32
More results


Similar Description - 1605591

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605586 PHOENIX-1605586 Datasheet
667Kb / 17P
SF-7EP1N8AAD00 - Device connector front mounting
1605589 PHOENIX-1605589 Datasheet
690Kb / 18P
SF-7EP1N8AWA00 - Device connector front mounting
1607043 PHOENIX-1607043 Datasheet
642Kb / 16P
SF-5EP1N8AWK00 - Device connector front mounting
1605512 PHOENIX-1605512 Datasheet
619Kb / 15P
SF-5EP1N8AAD00 - Device connector front mounting
1605520 PHOENIX-1605520 Datasheet
644Kb / 17P
SF-5EP1N8AWA00 - Device connector front mounting
1607082 PHOENIX-1607082 Datasheet
623Kb / 15P
SF-5ES1N8AY000 - Device connector, front mounting with knurled nut
1605515 PHOENIX-1605515 Datasheet
542Kb / 12P
SF-5EP1N8AAK00 - Device connector front mounting
1620620 PHOENIX-1620620 Datasheet
684Kb / 18P
SF-7EP1S8AWA00 - Device connector front mounting
1620660 PHOENIX-1620660 Datasheet
694Kb / 18P
SF-7EP1N8AA500 - Device connector front mounting
1607036 PHOENIX-1607036 Datasheet
637Kb / 15P
SF-5EP1N8AAF00 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com