Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1605893 Datasheet (PDF) - PHOENIX CONTACT

1605893 Datasheet PDF - PHOENIX CONTACT
Part # 1605893
Download  1605893 Download
File Size   318.79 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TU-0000000WB00 - Panel mounting base

1605893 Datasheet (PDF)

Go To PDF Page Download Datasheet
1605893 Datasheet PDF - PHOENIX CONTACT

Part # 1605893
Download  1605893 Click to download

File Size   318.79 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TU-0000000WB00 - Panel mounting base

1605893 Datasheet (HTML) - PHOENIX CONTACT


1605893 Product details

Panel mounting base, straight, Bayonet locking, M23, Axial O-ring, 4x Ø 3.2, shielded: yes, panel
thickness min.: 1.5 mm, cable diameter range: 0 mm ... 0 mm, Alternative product in accordance
with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1242021




Similar Part No. - 1605893

ManufacturerPart #DatasheetDescription
logo
Heyco.
16058 HEYCO-16058 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
PHOENIX CONTACT
1605823 PHOENIX-1605823 Datasheet
624Kb / 15P
SM-5ES1N8AY000 - Device connector, front mounting with knurled nut
1605824 PHOENIX-1605824 Datasheet
72Kb / 4P
Pin/socket, panel feed-through - SM-7EE1N8AS000
1605825 PHOENIX-1605825 Datasheet
72Kb / 4P
Pin/socket, panel feed-through - SM-7EE1N8ASA00
1605826 PHOENIX-1605826 Datasheet
64Kb / 3P
Coupler connector - SM-7EP1N8A9003
11/22/13
More results


Similar Description - 1605893

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200901 PHOENIX-2200901 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: gray
2200906 PHOENIX-2200906 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: gray
2200911 PHOENIX-2200911 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200912 PHOENIX-2200912 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200913 PHOENIX-2200913 Datasheet
43Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200933 PHOENIX-2200933 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: aluminum
2200934 PHOENIX-2200934 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: black
2200951 PHOENIX-2200951 Datasheet
43Kb / 2P
Panel mounting base, Side part
2200952 PHOENIX-2200952 Datasheet
43Kb / 2P
Panel mounting base, Side part
1592777 PHOENIX-1592777 Datasheet
442Kb / 6P
RC-0000000AD00 - Panel mounting base
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com