Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6300UH Datasheet (PDF) - Belden Inc.

6300UH Datasheet PDF - Belden Inc.
Part # 6300UH
Download  6300UH Download
File Size   146.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 18 AWG TC, Plenum

6300UH Datasheet (PDF)

Go To PDF Page Download Datasheet
6300UH Datasheet PDF - Belden Inc.

Part # 6300UH
Download  6300UH Click to download

File Size   146.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 18 AWG TC, Plenum

6300UH Datasheet (HTML) - Belden Inc.


6300UH Product details

Product Description
Security & Commercial Audio Cable, 2 Conductor 18 AWG stranded (7x26) tinned copper conductors with Flamarrest® insulation, Plenum, Flamarrest® jacket
with ripcord.




Similar Part No. - 6300UH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
6300U EBMPAPST-6300U Datasheet
371Kb / 1P
DC axial fans
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
More results


Similar Description - 6300UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6100UH BELDEN-6100UH Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, Plenum
12-20-2022
5300UH BELDEN-5300UH Datasheet
152Kb / 3P
Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
6200FH BELDEN-6200FH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG TC, Shielded, Plenum
12-20-2022
6200UH BELDEN-6200UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Plenum
03-04-2023
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6300FH BELDEN-6300FH Datasheet
147Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Plenum
12-20-2022
6400FH BELDEN-6400FH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 20 AWG TC, Shielded, Plenum
12-20-2022
6000UH BELDEN-6000UH Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 12 AWG, TC, Plenum
12-20-2022
6101UH BELDEN-6101UH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, Plenum
12-20-2022
6400UH BELDEN-6400UH Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com