Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSH108 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

BSH108 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # BSH108
Download  BSH108 Download
File Size   2301.14 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

BSH108 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSH108 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # BSH108
Download  BSH108 Click to download

File Size   2301.14 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

BSH108 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


BSH108 Product details

Features
Vbs = 30V,Ip = 3A
Rosion) < 75mQ @ Ves=2.5V
Rosion) < 65mQ @ Ves=4.5V




Similar Part No. - BSH108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH108 PHILIPS-BSH108 Datasheet
318Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-25 October 2000
logo
ZP Semiconductor
BSH108 ZPSEMI-BSH108 Datasheet
265Kb / 2P
N-channel enhancement mode field-effect transistor
logo
TY Semiconductor Co., L...
BSH108 TYSEMI-BSH108 Datasheet
206Kb / 2P
N-channel enhancement mode field-effect transistor
logo
Nexperia B.V. All right...
BSH108 NEXPERIA-BSH108 Datasheet
418Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 02 - 25 October 2000
More results


Similar Description - BSH108

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com