Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2954 Datasheet (PDF) - Unisonic Technologies

LM2954 Datasheet PDF - Unisonic Technologies
Part # LM2954
Download  LM2954 Download
File Size   87.12 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300 mA LOW-DROPOUT VOLTAGE REGULATOR

LM2954 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2954 Datasheet PDF - Unisonic Technologies

Part # LM2954
Download  LM2954 Click to download

File Size   87.12 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300 mA LOW-DROPOUT VOLTAGE REGULATOR

LM2954 Datasheet (HTML) - Unisonic Technologies


LM2954 Product details

DESCRIPTION
The UTC LM2954 is a monolithic integrated voltage regulator with low dropout voltage, and low quiescent current. It includes many features that suitable for different applications with TO-92,
DIP-8, SOP-8 and SOT-223 packages.

FEATURES
*High Accuracy Fixed Output.
* Output Voltage Programmable and Logic Controlled Shutdown And Error Flag Available for DIP and SOP Package.
* Extremely Low Quiescent Current And Dropout Voltage.
* Extremely Tight Load And Line Regulation.
* Current and Thermal Limiting.
* Very low Temperature Coefficient.




Similar Part No. - LM2954

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2954 UTC-LM2954 Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954-XX-AA3-R UTC-LM2954-XX-AA3-R Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-D08-T UTC-LM2954-XX-D08-T Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Similar Description - LM2954

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
logo
Texas Instruments
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
300-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com