Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB581C Datasheet (PDF) - NEC

UPB581C Datasheet PDF - NEC
Part # UPB581C
Download  UPB581C Download
File Size   76.68 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description DIVIDE- BY- 2 PRESCALER

UPB581C Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB581C Datasheet PDF - NEC

Part # UPB581C
Download  UPB581C Click to download

File Size   76.68 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description DIVIDE- BY- 2 PRESCALER

UPB581C Datasheet (HTML) - NEC


UPB581C Product details

DESCRIPTION

The UPB581 series of devices are divide-by-2 silicon bipolar digital prescalers. They feature high frequency response and operate from a single 5 volt supply. The series is available in two package styles: 8 lead ceramic flat package (UPB581B) and an 8 pin DIP (UPB581C). Applications include: frequency synthesis, division and scaling.



FEATURES

• HIGH FREQUENCY OPERATION TO 2.8 GHz

• WIDE BAND OPERATION

• SINGLE SUPPLY VOLTAGE: VCC = 5 V ±10%

• COMPLEMENTARY OUTPUTS




Similar Part No. - UPB581C

ManufacturerPart #DatasheetDescription
logo
NEC
UPB581C NEC-UPB581C Datasheet
77Kb / 12P
3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
More results


Similar Description - UPB581C

ManufacturerPart #DatasheetDescription
logo
NEC
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
DIVIDE-BY-4 PRESCALER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB584B NEC-UPB584B Datasheet
143Kb / 4P
2.5GHz DIVIDE-BY-2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
Divide-by-2 Prescaler
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
Divide-by-2 Prescaler
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com