Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMDT290UNE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMDT290UNE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMDT290UNE
Download  PMDT290UNE Download
File Size   270.54 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 800 mA dual N-channel Trench MOSFET

PMDT290UNE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMDT290UNE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMDT290UNE
Download  PMDT290UNE Click to download

File Size   270.54 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 800 mA dual N-channel Trench MOSFET

PMDT290UNE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMDT290UNE Product details

1. General description
Dual N-channel enhancement mode Field-Effect Transistor (FET) in an ultra small and flat lead
SOT666 Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Very fast switching
• Trench MOSFET technology
• ESD protection up to 2 kV
3. Applications
• Relay driver
• High-speed line driver
• Low-side loadswitch
• Switching circuits




Similar Part No. - PMDT290UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDT290UNE PHILIPS-PMDT290UNE Datasheet
186Kb / 16P
20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
PMDT290UNE PHILIPS-PMDT290UNE_15 Datasheet
186Kb / 16P
20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
More results


Similar Description - PMDT290UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMR290UNE NXP-PMR290UNE Datasheet
194Kb / 16P
20 V, 700 mA N-channel Trench MOSFET
Rev. 1-13 September 2011
PMDT290UCE NXP-PMDT290UCE Datasheet
255Kb / 20P
20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
Rev. 1-6 October 2011
PMDT290UNE PHILIPS-PMDT290UNE Datasheet
186Kb / 16P
20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
PMDT670UPE NXP-PMDT670UPE Datasheet
182Kb / 16P
20 V, 550 mA dual P-channel Trench MOSFET
Rev. 1-13 September 2011
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
20 V, dual N-channel Trench MOSFET
1 July 2015
PMDT290UNE PHILIPS-PMDT290UNE_15 Datasheet
186Kb / 16P
20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
logo
Nexperia B.V. All right...
PMDPB28UN NEXPERIA-PMDPB28UN Datasheet
970Kb / 16P
20 V, dual N-channel Trench MOSFET
PMR290UNE NEXPERIA-PMR290UNE Datasheet
472Kb / 17P
20 V, 700 mA N-channel Trench MOSFET
Rev. 1 - 13 September 2011
PMDT290UCE NEXPERIA-PMDT290UCE Datasheet
334Kb / 20P
20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
28 December 2022
PMDT670UPE NEXPERIA-PMDT670UPE Datasheet
262Kb / 14P
20 V, 550 mA dual P-channel Trench MOSFET
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com