Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMDXB600UNEZ Datasheet (PDF) - Nexperia B.V. All rights reserved

PMDXB600UNEZ Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMDXB600UNEZ
Download  PMDXB600UNEZ Download
File Size   734.63 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, dual N-channel Trench MOSFET

PMDXB600UNEZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PMDXB600UNEZ Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMDXB600UNEZ
Download  PMDXB600UNEZ Click to download

File Size   734.63 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, dual N-channel Trench MOSFET

PMDXB600UNEZ Datasheet (HTML) - Nexperia B.V. All rights reserved


PMDXB600UNEZ Product details

1. General description
Dual N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small
DFN1010B-6 (SOT1216) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
• Trench MOSFET technology
• Leadless ultra small and ultra thin SMD plastic package: 1.1 × 1.0 × 0.37 mm
• Exposed drain pad for excellent thermal conduction
• ElectroStatic Discharge (ESD) protection > 1 kV HBM
• Drain-source on-state resistance RDSon = 470 mΩ
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMDXB600UNEZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB600UNE NXP-PMDXB600UNE Datasheet
258Kb / 15P
20 V, dual N-channel Trench MOSFET
16 September 2013
logo
Nexperia B.V. All right...
PMDXB600UNEL NEXPERIA-PMDXB600UNEL Datasheet
741Kb / 16P
20 V, dual N-channel Trench MOSFET
logo
NXP Semiconductors
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
20 V, dual N-channel Trench MOSFET
1 July 2015
More results


Similar Description - PMDXB600UNEZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB600UNE NXP-PMDXB600UNE Datasheet
258Kb / 15P
20 V, dual N-channel Trench MOSFET
16 September 2013
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
20 V, dual N-channel Trench MOSFET
1 July 2015
PMDPB30XN PHILIPS-PMDPB30XN_15 Datasheet
229Kb / 13P
20 V, dual N-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMDPB28UN NEXPERIA-PMDPB28UN Datasheet
970Kb / 16P
20 V, dual N-channel Trench MOSFET
PMDPB38UNE NEXPERIA-PMDPB38UNE Datasheet
335Kb / 14P
20 V dual N-channel Trench MOSFET
PMDPB42UN NEXPERIA-PMDPB42UN Datasheet
1Mb / 16P
20 V, dual N-channel Trench MOSFET
PMGD130UN NEXPERIA-PMGD130UN Datasheet
1Mb / 16P
20 V, dual N-channel Trench MOSFET
PMDXB600UNEL NEXPERIA-PMDXB600UNEL Datasheet
741Kb / 16P
20 V, dual N-channel Trench MOSFET
PMDPB30XN NEXPERIA-PMDPB30XN Datasheet
729Kb / 13P
20 V, dual N-channel Trench MOSFET
PMDXB290UNE NEXPERIA-PMDXB290UNE Datasheet
303Kb / 14P
20 V, dual N-channel Trench MOSFET
19 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com