Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMDXB950UPE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMDXB950UPE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMDXB950UPE
Download  PMDXB950UPE Download
File Size   732.4 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, dual P-channel Trench MOSFET

PMDXB950UPE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMDXB950UPE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMDXB950UPE
Download  PMDXB950UPE Click to download

File Size   732.4 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, dual P-channel Trench MOSFET

PMDXB950UPE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMDXB950UPE Product details

1. General description
Dual P-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small
DFN1010B-6 (SOT1216) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
• Trench MOSFET technology
• Leadless ultra small and ultra thin SMD plastic package: 1.1 × 1.0 × 0.37 mm
• Exposed drain pad for excellent thermal conduction
• ElectroStatic Discharge (ESD) protection > 1 kV HBM
• Drain-source on-state resistance RDSon = 1.02 Ω
3. Applications
• Relay driver
• High-speed line driver
• High-side load switch
• Switching circuits




Similar Part No. - PMDXB950UPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
20 V, dual P-channel Trench MOSFET
10 September 2013
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
20 V, dual P-channel Trench MOSFET
logo
NXP Semiconductors
PMDXB950UPE PHILIPS-PMDXB950UPE_15 Datasheet
254Kb / 15P
20 V, dual P-channel Trench MOSFET
30 June 2015
More results


Similar Description - PMDXB950UPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
PMDPB55XP PHILIPS-PMDPB55XP_15 Datasheet
884Kb / 15P
20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
PMDPB58UPE PHILIPS-PMDPB58UPE_15 Datasheet
880Kb / 15P
20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDPB80XP NEXPERIA-PMDPB80XP Datasheet
1Mb / 15P
20 V, dual P-channel Trench MOSFET
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
20 V dual P-channel Trench MOSFET
3 February 2016
PMDPB85UPE NEXPERIA-PMDPB85UPE Datasheet
1Mb / 15P
20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com