Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGP4068DPBF Datasheet (PDF) - International Rectifier

IRGP4068DPBF Datasheet PDF - International Rectifier
Part # IRGP4068DPBF
Download  IRGP4068DPBF Download
File Size   326.54 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS

IRGP4068DPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRGP4068DPBF Datasheet PDF - International Rectifier

Part # IRGP4068DPBF
Download  IRGP4068DPBF Click to download

File Size   326.54 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS

IRGP4068DPBF Datasheet (HTML) - International Rectifier


IRGP4068DPBF Product details

VCES = 600V

IC = 48A, TC = 100°C

tSC ≥ 5μs, TJ(max) = 175°C

VCE(on) typ. = 1.65V



Features

• Low VCE (ON) Trench IGBT Technology

• Low Switching Losses

• Maximum Junction temperature 175 °C

• 5 μS short circuit SOA

• Square RBSOA

• 100% of the parts tested for ILM

• Positive VCE (ON) Temperature co-efficient

• Ultra-low VF Hyperfast Diode

• Tight parameter distribution

• Lead Free Package



Benefits

• Device optimized for induction heating and soft switching applications

• High Efficiency due to Low VCE(on), Low Switching Losses and Ultra-low VF

• Rugged transient Performance for increased reliability

• Excellent Current sharing in parallel operation

• Low EMI




Similar Part No. - IRGP4068DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
255Kb / 10P
Low Switching Losses
IRGP4068DPBF IRF-IRGP4068DPBF_15 Datasheet
255Kb / 10P
Low Switching Losses
More results


Similar Description - IRGP4068DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
406Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
429Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
Device optimized for induction heating and soft switching applications
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com