Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8224 Datasheet (PDF) - Intel Corporation

8224 Datasheet PDF - Intel Corporation
Part # 8224
Download  8224 Download
File Size   231.7 Kbytes
Page   5 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CLOCK GENERATOR AND DRIVER FOR 8080A CPU

8224 Datasheet (PDF)

Go To PDF Page Download Datasheet
8224 Datasheet PDF - Intel Corporation

Part # 8224
Download  8224 Click to download

File Size   231.7 Kbytes
Page   5 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CLOCK GENERATOR AND DRIVER FOR 8080A CPU

8224 Datasheet (HTML) - Intel Corporation


8224 Product details

CLOCK GENERATOR AND DRIVER FOR 8080A CPU

The Intel 8224 is a single chip clock generator/driver for the 8080A CPU. It is controlled by a crystal, selected by the designer to meet a variety of system speed requirements.
Also included are circuit to provide power-up reset, advance status strobe, and synchronization of ready.
The 8224 provide the designer with a significant reduction of pakcages used to generate clocks and timing for 8080A.




Similar Part No. - 8224

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8224 MALLORY-8224 Datasheet
178Kb / 2P
MSD Blaster GM Dual Tower Coil Pack
logo
Sealevel Systems, Inc.
8224 SEALEVEL-8224 Datasheet
314Kb / 2P
USB to 32 Reed Relay Outputs Digital Interface Adapter
logo
Belden Inc.
82240 BELDEN-82240 Datasheet
140Kb / 3P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 95% TC Braid, Flamarrest® Jkt, CMP
04-13-2023
82240-010U500 BELDEN-82240-010U500 Datasheet
140Kb / 3P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 95% TC Braid, Flamarrest® Jkt, CMP
04-13-2023
82240-010Z1000 BELDEN-82240-010Z1000 Datasheet
140Kb / 3P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 95% TC Braid, Flamarrest® Jkt, CMP
04-13-2023
More results


Similar Description - 8224

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8224 NSC-DP8224 Datasheet
143Kb / 8P
Clock Generator and Driver
logo
OKI electronic componet...
MSM82C84A-2RS OKI-MSM82C84A-2RS Datasheet
164Kb / 18P
CLOCK GENERATOR AND DRIVER
logo
Siemens Semiconductor G...
SAB8284B SIEMENS-SAB8284B Datasheet
247Kb / 14P
CLOCK GENERATOR AND DRIVER FOR SAB8086 FAMILY PROCESSORS
logo
Intel Corporation
8228 INTEL-8228 Datasheet
212Kb / 4P
SYSTEM CONTROLLER AND BUS DRIVER FOR 8080A CPU
logo
Advanced Micro Devices
AM8228 AMD-AM8228 Datasheet
73Kb / 1P
System Controller and Bus Driver for 8080A Compatible Microprocessors
logo
Intel Corporation
8284A INTEL-8284A Datasheet
458Kb / 10P
Clock Generator and Driver for 8066, 8088 Processors
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Zilog, Inc.
Z84C011 ZILOG-Z84C011 Datasheet
1Mb / 31P
Z84C01 Z80 CPU with Clock Generator/Controller
logo
NEC
UPB8284A NEC-UPB8284A Datasheet
168Kb / 6P
CLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS
logo
List of Unclassifed Man...
AM8224 ETC2-AM8224 Datasheet
75Kb / 1P
CLOCK GENERATOR AND DRIVER FOR 8080A COMPATIBLE MICROPROCESSORS
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com