Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP28A Datasheet (PDF) - Vishay Siliconix

SMP28A Datasheet PDF - Vishay Siliconix
Part # SMP28A
Download  SMP28A Download
File Size   84.85 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB Transient Voltage Suppressors

SMP28A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP28A Datasheet PDF - Vishay Siliconix

Part # SMP28A
Download  SMP28A Click to download

File Size   84.85 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB Transient Voltage Suppressors

SMP28A Datasheet (HTML) - Vishay Siliconix


SMP28A Product details

FEATURES

• Very low profile - typical height of 1.0 mm

• Ideal for automated placement

• Available in uni-directional

• 400 W peak pulse power capability with a 10/1000 µs waveform

• Excellent clamping capability

• Very fast response time

• Low incremental surge resistance

• Meets MSL level 1, per J-STD-020

• Solder dip 260 °C, 40 s

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - SMP28A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP28A VISHAY-SMP28A Datasheet
95Kb / 4P
Surface Mount TRANSZORB® Transient Voltage Suppressors
20-Oct-08
SMP28A VISHAY-SMP28A Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
SMP28A VISHAY-SMP28A Datasheet
99Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
25-Apr-2022
More results


Similar Description - SMP28A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
23-Apr-10
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
11-Dec-12
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
14-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
21-Sep-12
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
10-Dec-13
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-12
SMBJ15-E3 VISHAY-SMBJ15-E3 Datasheet
112Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
04-Sep-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com