Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79005FS.00500 Datasheet (PDF) - Belden Inc.

79005FS.00500 Datasheet PDF - Belden Inc.
Part # 79005FS.00500
Download  79005FS.00500 Download
File Size   139.74 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SAFE-T-Line® Red 4 x 1.5 mm2 LPCB

79005FS.00500 Datasheet (PDF)

Go To PDF Page Download Datasheet
79005FS.00500 Datasheet PDF - Belden Inc.

Part # 79005FS.00500
Download  79005FS.00500 Click to download

File Size   139.74 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SAFE-T-Line® Red 4 x 1.5 mm2 LPCB

79005FS.00500 Datasheet (HTML) - Belden Inc.


79005FS.00500 Product details

Product Description
Safe-T-Line 4 x 1.5 mm2 Fire resistant LPCB approved Multi-conductor, BS 6387 CWZ, EN 50200 PH120, Shielded, Silicone Rubber insulation, Low Smoke
Zero Halogen Jacket




Similar Part No. - 79005FS.00500

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
79005 ALPHAWIRE-79005 Datasheet
408Kb / 4P
20 (10/30) AWG Tinned Copper
More results


Similar Description - 79005FS.00500

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-3W-2 OPTODIODE-ODD-3W-2 Datasheet
459Kb / 2P
RED ENHANCED 3.1 MM2 X 2 BI-CELL PHOTODIODE
logo
OptoSupply Internationa...
OSRG0603C1C OPTOSUPPLY-OSRG0603C1C Datasheet
230Kb / 4P
1.6 x 1.5 x 0.55mm Red & Yellow green SMD
logo
Lapp.
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
2170208 LAPP-2170208 Datasheet
249Kb / 2P
UNITRONIC® BUS 1BS P COMBI 3x2x0,22 mm2 3x1,0 mm2
15.07.2020
logo
Belden Inc.
79002FS BELDEN-79002FS Datasheet
180Kb / 2P
SAFE-T-Line® Red 2 x 2.5 mm2 LPCB
04-19-2023
79003FS BELDEN-79003FS Datasheet
138Kb / 2P
SAFE-T-Line® Red 3 x 1.5 mm2 LPCB
03-14-2023
79006FS BELDEN-79006FS Datasheet
139Kb / 2P
SAFE-T-Line® Red 4 x 2.5 mm2 LPCB
03-14-2023
79001FS BELDEN-79001FS Datasheet
181Kb / 2P
SAFE-T-Line® Red 2 x 1.5 mm2 LPCB
04-19-2023
79004FS BELDEN-79004FS Datasheet
138Kb / 2P
SAFE-T-Line® Red 3 x 2.5 mm2 LPCB
03-14-2023
logo
WAGO Kontakttechnik Gmb...
281-663 WAGO-281-663 Datasheet
154Kb / 17P
4-conductor through terminal block; 4 mm2; center marking;for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP;4,00 mm2;red
17. 10. 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com